Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L075 Datasheet(PDF) 2 Page - Littelfuse

Part # 1812L075
Description  POLYFUSE Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L075 Datasheet(HTML) 2 Page - Littelfuse

  1812L075 Datasheet HTML 1Page - Littelfuse 1812L075 Datasheet HTML 2Page - Littelfuse 1812L075 Datasheet HTML 3Page - Littelfuse 1812L075 Datasheet HTML 4Page - Littelfuse 1812L075 Datasheet HTML 5Page - Littelfuse 1812L075 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
40
Revised: December 2, 2009
©2009 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
1812L010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
1812L014
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
1812L020
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
1812L050
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L050/30
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L075
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
1812L075/24
1.06
0.95
0.84
0.75
0.60
0.55
0.50
0.45
0.37
1812L075/33
1.10
1.00
0.88
0.75
0.66
0.60
0.56
0.47
0.36
1812L110
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
1812L110/16
1.58
1.43
1.27
1.10
0.95
0.85
0.77
0.71
0.58
1812L110/24
1.55
1.40
1.25
1.10
0.93
0.83
0.73
0.63
0.50
1812L110/33
1.55
1.40
1.25
1.10
0.93
0.83
0.73
0.63
0.50
1812L125
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L125/6
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L150
2.06
1.93
1.79
1.50
1.28
1.10
1.02
0.80
0.68
1812L150/12
2.04
1.88
1.68
1.50
1.25
1.10
1.00
0.80
0.60
1812L150/24
2.05
1.87
1.67
1.50
1.25
1.08
0.95
0.77
0.60
1812L160
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L160/12
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L200TH
2.60
2.44
2.22
2.00
1,78
1.67
1.50
1.45
1.29
1812L260TH
3.40
3.16
3.00
2.60
2.30
2.15
2.00
1.85
1.63
1812L260/12
3.40
3.16
3.00
2.60
2.30
2.15
2.00
1.85
1.63
1812L300
4.13
3.75
3.30
3.00
2.61
2.43
2.25
2.00
1.78
Temperature Rerating
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
5060
70
80 85
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
-/+5% typical resistance change
Humidity Aging
+85°C, 85% R.H.,1000 hours
-/+5% typical resistance change
Thermal Shock
MIL–STD–202, Method 107G
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
MIL–STD–202, Method 215
No change
Vibration
MIL–STD–883C, Method
2007.1, Condition A
No change
Moisture Level Sesitivity
Level 1, J–STD–020C
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin (Sn))
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/
J-STD-002 Category 3.


Similar Part No. - 1812L075

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L075 LITTELFUSE-1812L075 Datasheet
154Kb / 2P
   Surface Mount PTC
1812L075 LITTELFUSE-1812L075 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L075 LITTELFUSE-1812L075 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L075 LITTELFUSE-1812L075 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L075-C LITTELFUSE-1812L075-C Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1812L075

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com