Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L150 Datasheet(PDF) 6 Page - Littelfuse

Part # 1812L150
Description  POLYFUSE Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L150 Datasheet(HTML) 6 Page - Littelfuse

  1812L150 Datasheet HTML 1Page - Littelfuse 1812L150 Datasheet HTML 2Page - Littelfuse 1812L150 Datasheet HTML 3Page - Littelfuse 1812L150 Datasheet HTML 4Page - Littelfuse 1812L150 Datasheet HTML 5Page - Littelfuse 1812L150 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
44
Revised: December 2, 2009
©2009 Littelfuse, Inc.
POLYFUSE® Resettable PTCs
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
TAPE SPECIFICATIONS: EIA-481-1 (mm)
REEL DIMENSIONS:
EIA-481-1 (mm)
Packaging Code “PR”
1812L020
1812L050
1812L050/30
1812L075
1812L110
1812L125/6
1812L150
1812L160
1812L200TH
Packaging Code “DR”
1812L010
1812L014
1812L075/24
1812L075/33
1812L110/16
1812L110/24
1812L125
1812L150/12
1812L160/12
1812L260TH
Packaging Code “MR”
1812L110/33
1812L150/24
1812L260/12
1812L300
W
12.00+0.30-0.10
12.00+/- 0.30
12.00+/- 0.30
H
16.0+/- 0.2
F
5.50+/- 0.05
5.50+/- 0.05
5.50+/- 0.05
W
13.2+/- 1.5
E
1
1.75+/- 0.10
1.75+/- 0.10
1.75+/- 0.10
D
Ø60.2+/- 0.5
D
0
1.50+0.10
1.55+/- 0.05
1.55+/- 0.05
F
Ø13.0+/- 0.5
D
1
1.50+0.25
1.50 (MIN)
1.50 (MIN)
C
Ø178+/- 1.0
P
0
4.00+/- 0.10
4.00+/- 0.10
4.00+/- 0.10
H
1
11+/- 0.5
P
1
8.00+/- 0.10
8.00+/- 0.10
8.00+/- 0.10
W
1
2.5+0.5
P
2
2.00+/- 0.05
2.00+/- 0.05
2.00+/- 0.05
W
2
3.0+0.5
A
0
3.58+/- 0.10
3.58+/- 0.10
3.58+/- 0.10
W
3
4.0+0.5
B
0
4.93+/- 0.10
4.93+/- 0.10
4.93+/- 0.10
W
4
5.0+0.5
T
0.25+/- 0.10
0.25+/- 0.10
0.25+/- 0.10
K
0
0.87+/- 0.06
1.25+/- 0.10
2.10+/- 0.10
Leader min.
390
390
390
Trailer min.
160
160
160
Tape and Reel Specifications
W4
W2
W3
W1
F
H1
W
C
D
H
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1


Similar Part No. - 1812L150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L150 LITTELFUSE-1812L150 Datasheet
154Kb / 2P
   Surface Mount PTC
1812L150 LITTELFUSE-1812L150 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L150 LITTELFUSE-1812L150 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L150-C LITTELFUSE-1812L150-C Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L150-C LITTELFUSE-1812L150-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1812L150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com