Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EASTART-EDIP320 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EASTART-EDIP320
Description  CONTROL UNIT 320x240 WITH INTELLIGENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASTART-EDIP320 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EASTART-EDIP320 Datasheet HTML 2Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 3Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 4Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 5Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 6Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 7Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 8Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 9Page - List of Unclassifed Manufacturers EASTART-EDIP320 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
EA eDIP320-8
Page 6
Specifications may be changed without
prior notice. Printing error reserved
SPI INTERFACE
If the display is wired as shown below, SP
mode is activated.The data is then transferred
via the serial, synchronous SPI interface.
Data transfer is possible at up to 100 kHz.
However, if pauses of at least 100 µs are
maintained between the individual bytes
during transfer, a byte can be transferred at
up to 3 MHz.
Note:
The pins DORD, CPOL, CPHA, WUP, DPROT and TEST/SBUF
have an internal pullup, which is why only the LO level
(0=GND) is to be actively applied. These pins must be left open
for a Hi level.
On pin 20 (SBUF) the display indicates with a low level that
data is ready to be retrieved from the internal send buffer. The
line can be connected to an interrupt input of the host system,
for example.
Pinout eDIP320-8: SPI mode
Pin
Symbol
In/Out Function
Pin Symbol Function
1
GND
-
Ground Potential for logic (0V)
25
N.C.
not connected
2
VDD
-
Power supply for logic (+5V)
26
N.C.
not connected
3
VADJ
In
Operating voltage for LC driving (input)
27
N.C.
not connected
4
VOUT
Out
Output voltage for LC driving
28
N.C.
not connected
5
RESET
-
L: Reset
29
N.C.
not connected
6
SS
In
Slave Select
30
N.C.
not connected
7
MOSI
In
Serial In
31
N.C.
not connected
8
MISO
Out
Serial Out
32
N.C.
not connected
9
CLK
In
Shift Clock
33
N.C.
not connected
10
DORD
In
Data Order (0=MSB first; 1=LSB first)
34
N.C.
not connected
11 SPIMODE
In
connect to GND for SPI interface
35
N.C.
not connected
12
OUT2
Out
open-drain with internal pullup 20..50k
36
N.C.
not connected
13
WUP
In
L: (Power-On) disable Power-On-Macro
L: Wakeup from Powerdownmode
37
N.C.
not connected
14
CPOL
In
Clock Polarity (0=LO 1=HI when idle)
38
N.C.
not connected
15
CPHA
In
Clock Phase
(sampled on 0=1st 1=2nd edge)
39
N.C.
not connected
16
BUZZ
Out
Buzzer output
40
N.C.
not connected
17
DPROT
In
L: Disable Smallprotokoll
do not connect for normal operation
41
N.C.
not connected
18
DPWR
Out
L: Normal Operation
H: Powerdownmode
42
N.C.
not connected
19
WP
In
L: Writeprotect for DataFlash
43
N.C.
not connected
20
TEST
SBUF
IN
Out
open-drain with internal pullup 20..50k
IN (Power-On) L: Testmode
OUT L: data in sendbuffer
44
N.C.
not connected
21
PDI
internal use, do not connect
45
N.C.
not connected
22
PDO
internal use, do not connect
46
N.C.
not connected
23
N.C.
do not connect, reserved
47
N.C.
not connected
24
N.C.
do not connect, reserved
48
N.C.
not connected
application example
DATA TRANSFER SPI
Via the pins DORD, CPOL and CPHA transfer
parameter will be set.
Write operation: a clock rate up to 100 kHz is allowed
without any stop. Together with a pause of 100 µs
between every data byte a clock rate up to 3 MHz an
be reached.
Read operation: to read data (e.g. the "ACK" byte) a
dummy byte (e.g . 0xFF) need to be sent. Note that the
EA eDIP320-8 for internal operation does need a short
time before providing the data; therefore a short pau-
se of min. 6µs (no activity of CLK line) is needed for
each byte. Same is with 100kHz operation.


Similar Part No. - EASTART-EDIP320

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAST0603WA0 EVERLIGHT-EAST0603WA0 Datasheet
329Kb / 11P
   Compatible with automatic placement equipment.
EAST0707RGBA0 EVERLIGHT-EAST0707RGBA0 Datasheet
423Kb / 13P
   Compatible with automatic placement equipment
EAST0808RGBA4 EVERLIGHT-EAST0808RGBA4 Datasheet
420Kb / 12P
   Compatible with automatic placement equipment
EAST0808RGBA5 EVERLIGHT-EAST0808RGBA5 Datasheet
426Kb / 13P
   Compatible with automatic placement equipment
EAST0808RGBA6 EVERLIGHT-EAST0808RGBA6 Datasheet
577Kb / 13P
   Compatible with automatic placement equipment
More results

Similar Description - EASTART-EDIP320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
logo
ShenZhen Jing Handa Ele...
JHD639-320240 JHD-JHD639-320240 Datasheet
259Kb / 1P
   320X240 DOTS
JHD637-320240 JHD-JHD637-320240 Datasheet
254Kb / 1P
   320X240 DOTS
logo
Endress+Hauser Group Se...
TI00150R EH-TI00150R Datasheet
1,014Kb / 16P
   Process transmitter with control unit
2022-03-04
logo
P-tec Corporation
320240DM-3.5-A8-TP P-TEC-320240DM-3.5-A8-TP Datasheet
1Mb / 10P
   TFT 320x240 3.5??LCD
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
List of Unclassifed Man...
EAEDIP240B-7LW ETC2-EAEDIP240B-7LW Datasheet
1,009Kb / 21P
   embedded LCD-DISPLAY 240x128 WITH INTELLIGENCE
logo
Advantech Co., Ltd.
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
   Edge Intelligence Server
logo
Shenzhen TOPWAY Technol...
LMB204BDY-4 TOPWAY-LMB204BDY-4 Datasheet
346Kb / 7P
   Intelligence LCD module
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com