Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC123JE-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDTC123JE-7
Description  NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JE-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DDTC123JE-7 Datasheet HTML 1Page - Diodes Incorporated DDTC123JE-7 Datasheet HTML 2Page - Diodes Incorporated DDTC123JE-7 Datasheet HTML 3Page - Diodes Incorporated DDTC123JE-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30314 Rev. 3 - 2
4 of 4
DDTC (R1
¹R2 SERIES) E
0.001
0.01
1
10
100
0
1
23
4
89
10
V , INPUT VOLTAGE (V)
in
Fig. 5 Collector Current Vs. Input Voltage
-25°C
5
67
25°C
0.1
V = 5V
O
75°C
10
1000
100
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 DC Current Gain
V
= 10
CE
75°C
-25°C
25°C
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Derating Curve
0.1
1
10
010
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Input Voltage vs. Collector Current
V = 0.2
O
-25°C
25°C
75°C
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
R
Fig. 4 Output Capacitance
10
5
15
25
I= 0mA
E
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
C
Fig. 2 V
vs. I
CE(SAT)
C
I/I = 10
CB
-25°C
75°C
25°C
TYPICAL CURVES - DDTC123JE


Similar Part No. - DDTC123JE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JE-7-F DIODES-DDTC123JE-7-F Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
More results

Similar Description - DDTC123JE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GE DIODES-DDTC114GE Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 3 - 1
DDTC113ZE DIODES-DDTC113ZE_1 Datasheet
84Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC114GE DIODES-DDTC114GE_1 Datasheet
447Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 7 - 2
DDTC123EE DIODES-DDTC123EE Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC113TE DIODES-DDTC113TE Datasheet
71Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 2 - 2
DDTC123EE DIODES-DDTC123EE_1 Datasheet
112Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 8 - 2
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123EE DIODES-DDTA123EE_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30317 Rev. 6- 2
DDTA114GE DIODES-DDTA114GE_1 Datasheet
444Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30320 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com