Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812L300 Datasheet(PDF) 1 Page - Littelfuse

Part # 1812L300
Description  POLYFUSE Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L300 Datasheet(HTML) 1 Page - Littelfuse

  1812L300 Datasheet HTML 1Page - Littelfuse 1812L300 Datasheet HTML 2Page - Littelfuse 1812L300 Datasheet HTML 3Page - Littelfuse 1812L300 Datasheet HTML 4Page - Littelfuse 1812L300 Datasheet HTML 5Page - Littelfuse 1812L300 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
39
©2009 Littelfuse, Inc.
Revised: December 2, 2009
POLYFUSE® Resettable PTCs
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
1812L Series
The 1812L Series PTC provides surface mount overcurrent
protection for applications where resettable protection is
desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
1812L010
LF010
0.10
0.30
30
100
0.8
0.50
1.50
1.600
15.000
XX
1812L014
LF014
0.14
0.34
60
10
0.8
1.50
0.15
1.500
6.000
XX
1812L020
LF020
0.20
0.40
30
100
0.8
8.00
0.02
0.800
5.000
XX
1812L050 2
LF050
0.50
1.00
15
100
0.8
8.00
0.15
0.150
1.000
XX
1812L050/30
LF050-30
0.50
1.00
30
100
0.8
8.00
0.15
0.150
1.000
XX
1812L075 2
LF075
0.75
1.50
13.2
100
0.8
8.00
0.20
0.100
0.450
XX
1812L075/24
LF075-24
0.75
1.50
24
100
0.8
8.00
0.20
0.110
0.290
XX
1812L075/33
LF075-33
0.75
1.50
33
20
0.8
8.00
0.20
0.110
0.400
XX
1812L110 2
LF110
1.10
2.20
6
100
0.8
8.00
0.30
0.040
0.210
XX
1812L110/16
LF110-16
1.10
1.95
16
100
0.8
8.00
0.30
0.060
0.180
XX
1812L110/24
LF110-24
1.10
1.95
24
20
0.8
8.00
0.50
0.060
0.200
XX
1812L110/33
LF110-33
1.10
1.95
33
20
0.8
8.00
0.50
0.060
0.200
XX
1812L125 2
LF125
1.25
2.50
15
100
0.8
8.00
0.40
0.050
0.250
XX
1812L125/6
LF125-6
1.25
2.50
6
100
0.8
8.00
0.40
0.050
0.140
XX
1812L125/16
LF125-16
1.25
2.50
16
100
0.8
8.00
0.40
0.050
0.140
XX
1812L150 2
LF150
1.50
3.00
8
100
0.8
8.00
0.30
0.040
0.110
XX
1812L150/12
LF150-12
1.50
3.00
12
100
0.8
8.00
0.50
0.040
0.110
XX
1812L150/24
LF150-24
1.50
3.00
24
20
0.8
8.00
1.50
0.040
0.120
XX
1812L160 2
LF160
1.60
2.80
8
100
0.8
8.00
1.00
0.030
0.100
XX
1812L160/12
LF160-12
1.60
2.80
12
100
0.8
8.00
1.00
0.030
0.100
XX
1812L200TH 2,3
LF200
2.00
3.50
8
100
0.8
8.00
2.00
0.020
0.070
XX
1812L260TH 2,3
LF260
2.60
5.00
8
100
0.8
8.00
2.50
0.015
0.047
XX
1812L260/12
LF260-12
2.60
5.00
12
100
0.8
8.00
5.00
0.015
0.055
XX
1812L300
LF300
3.00
5.00
6
100
0.8
8.00
4.00
0.012
0.040
XX
Description
Applications
• Plug and play protection
for motherboards and
peripherals
• USB peripherals
• PCI cards
• Game console port
protection
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119118
Features
• RoHS compliant, lead-free
and halogen-free1
• Fast response
• Compact design
• Low resistance
• Low-profile
• Compatible with high
temperature solders
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
1 Effective September 15, 2009 onward, all 1812L PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 1812L PTC products will continue to be
sold until supplies are depleted. Effective January 1, 2010, all 1812L PTC product will be manufactured and sold as Halogen Free by default, and the “HF” part number suffix
code will be discontinued -- Refer to Part Ordering Number System and Packaging Options sections for additional information.
2 Some older references to these devices may include “–C“ in the Part Number. The “–C“ should be omitted when placing new orders for the device.
3 Part numbers ending in “TH” refer to new lower profile devices. For these items the “TH” suffix must be included in the ordering instructions.
Please refer also to the Dimensions and Part Ordering Number System sections of this document for additional information. Orders for the original thicker product (No TH in
part number) may be accepted in some instances through October 31, 2009. Please contact Littelfuse for additional information or arrangements.


Similar Part No. - 1812L300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L300 LITTELFUSE-1812L300 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L300 LITTELFUSE-1812L300 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L300 LITTELFUSE-1812L300 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L300 LITTELFUSE-1812L300 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L300SL LITTELFUSE-1812L300SL Datasheet
187Kb / 7P
   LoRhoTM Surface Mount Series
More results

Similar Description - 1812L300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
0805L075SLYR LITTELFUSE-0805L075SLYR Datasheet
467Kb / 4P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com