Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

480053-3 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 480053-3
Description  FASTIN-FASTON Product Line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

480053-3 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 480053-3 Datasheet HTML 6Page - Tyco Electronics 480053-3 Datasheet HTML 7Page - Tyco Electronics 480053-3 Datasheet HTML 8Page - Tyco Electronics 480053-3 Datasheet HTML 9Page - Tyco Electronics 480053-3 Datasheet HTML 10Page - Tyco Electronics 480053-3 Datasheet HTML 11Page - Tyco Electronics 480053-3 Datasheet HTML 12Page - Tyco Electronics 480053-3 Datasheet HTML 13Page - Tyco Electronics 480053-3 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
69
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTIN-FASTON Product Line — Tab Housings RAST 5
FASTON Terminals (Insulated and Uninsulated)
Product Facts
Meets IEC 60335-1,
Glow Wire 750° No Flame
Accepts TE FASTIN-FASTON
tabs 6.3 x 0.8 mm size
Mating TE connector
families include AMP
MONO-SHAPE, AMP
multifitting, AMP standard
timer and Positive Lock
RAST 5 connector system
Available in different keying
and locking versions, from
2 to 10 positions
Available for panel and
motor mounting
Provided with secondary
locking
RoHS compliant
Technical Documents
Product Specifications
108-20256 Panel Mount Housings
108-20247 Panel Mount Housings
The RAST 5 Standard
defines and standardizes
the connector mating
interface. FASTIN-FASTON
product line 6.3 mm size
tabs are placed into 5 mm
centerline cavities and the
housings are provided with
keying, polarization, and
locking features that help
prevent mismating of the
corresponding RAST 5
interfaces.
The FASTIN-FASTON RAST 5
system is designed to
accept the most common
TE RAST 5 connector
families including AMP
MONO-SHAPE, AMP
multifitting, AMP standard
timer and Positive Lock
RAST 5 connector system.
The Positive Lock RAST 5
connector system requires
the use of a FASTIN-FASTON
tab with a special detent
hole location to engage the
positive locking feature.
The most common
application for this product
is for household appliance
components (motors for
washing machines,
dishwashers, dryers,
refrigerators…) where
OEM’s want to minimize the
possibility of crossed wires.


Similar Part No. - 480053-3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
   Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
   Ideal resistor for precision instrumentation
logo
VBsemi Electronics Co.,...
4800 VBSEMI-4800 Datasheet
1,013Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4800 TUOFENG-4800 Datasheet
303Kb / 4P
   N-Channel Reducded Qg, Fast Switching MOSFET
logo
Heyco.
4800 HEYCO-4800 Datasheet
299Kb / 1P
   Quick Connect Terminals
More results

Similar Description - 480053-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
42281 MACOM-42281 Datasheet
77Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35 SERIES
1652471 MACOM-1652471 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
170031 MACOM-170031 Datasheet
60Kb / 1P
   .025 SERIES FASTIN FASTON RECEPTACLE
521289-1 MACOM-521289-1 Datasheet
61Kb / 1P
   HOUSING, TAB, FASTIN-FASTON, .250 SERIES
logo
TE Connectivity Ltd
60249 TEC-60249 Datasheet
196Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35[.250] SERIES
REV.G2
logo
Tyco Electronics
180924 MACOM-180924 Datasheet
105Kb / 1P
   FASTIN-FASTON CONNECTOR, .250 SRS. TAB HOUSING, 2 POSITIONS
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com