Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

480053-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 480053-4
Description  FASTIN-FASTON Product Line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

480053-4 Datasheet(HTML) 3 Page - Tyco Electronics

  480053-4 Datasheet HTML 1Page - Tyco Electronics 480053-4 Datasheet HTML 2Page - Tyco Electronics 480053-4 Datasheet HTML 3Page - Tyco Electronics 480053-4 Datasheet HTML 4Page - Tyco Electronics 480053-4 Datasheet HTML 5Page - Tyco Electronics 480053-4 Datasheet HTML 6Page - Tyco Electronics 480053-4 Datasheet HTML 7Page - Tyco Electronics 480053-4 Datasheet HTML 8Page - Tyco Electronics 480053-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
62
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTIN-FASTON Product Line (Continued)
FASTON Terminals (Insulated and Uninsulated)
250 Series
Receptacles without
Mating Dimple
(For use with multiple
circuit connectors)
Fits Tab — .032 [0.81]
Stock Thickness — .012 [0.30]
.035
[0.89]
.295
[7.49]
.750
[19.05]
.305
[7.48]
R
R
Wire Range
Insulation
Material
Terminal
Quick-Change
AWG
Diameter
and Finish
Part Number
Applicator No.1
.085-.125
Tin Plated Brass
60295-2
X
X
687981-2
22-18
2.16-3.18
.060-.100
Tin Plated Brass
60413-1
X
X
687979-3
1.52-2.54
18-14
.100-.170
Brass
42100-1
X
X
687932-2
2.54-4.32
Tin Plated Brass
42100-2
X
X
687932-2
.160-.210
16-12 or
4.06-5.33
or
Tin Plated Brass
60253-2
X
X
466058-2
(2) 16
(2)
.130
Max.
3.30
12-10
.134-.200
Brass
180351-1
3.40-5.08
Pre-Tin Plated Brass
180351-2
1
Quick-change applicator for AMP-O-LECTRIC machine 565435-5.
For AMPOMATOR machine and other machines not listed, contact TE.
250 Series
Receptacles with
Mating Dimple
(For use with single
circuit connectors)
Fits Tab — .032 [0.81]
Stock Thickness — .016 [0.41]
250 Series
Tabs
(For use with single or
multiple circuit connectors)
Stock Thickness — .015 [0.38]
AB
R
R
.750
[19.05]
.305
[7.75]
.250
[6.35]
.250
[6.35]
.620
[15.75]
.620
[15.75]
.295
[7.49]
.080
[2.03]
Wire Range
Insulation
Material
Terminal
Quick-Change
AWG
Diameter
and Finish
Part Number
Applicator No.2
.100-.170
Brass
42281-1
X
X
687940-2
18-14
Tin Plated Brass
42281-2
X
X
687940-2
2.54-4.32
Brass
60634-11
X
X
687940-2
.160-.210
16-12
4.06-5.33
Brass
60249-1
X
X
466057-2
(2) 16
(2) .130 Max.
Tin Plated Brass
60249-2
X
X
466057-2
3.30
11-10
.157-.205
Brass
160914-1
3.99-5.21
Tin Plated Brass
160914-2
1
No front slot.
2
Quick-change applicator for AMP-O-LECTRIC machine 565435-5.
For AMPOMATOR machine and other machines not listed, contact TE.
Note: All part numbers are RoHS compliant.
Wire Range
Style
Tab
Insulation
Dim.
Material
Terminal
Quick-Change
AWG
Thk.
Diameter
L
and Finish
Part No.
Applicator No.2
22-18
A
.032
.085-.125
1.105
Brass
62553-1
X
X
687982-2
0.81
2.16-3.18
28.07
Tin Plated Brass
62553-3
X
X
687982-2
A
.032
.100-.170
1.105
Brass
42460-1
X
X
687839-2
18-14
0.81
2.54-4.32
28.07
Tin Plated Brass
42460-2
X
X
687839-2
B
.016
.120-.145
1.100
Tin Plated Brass
42580-21
X
X
687839-2
0.41
3.05-3.68
27.94
14-10
A
.032
.120-.170
1.105
Tin Plated Brass
60701-13
X
X
466092-2
0.81
3.05-4.32
28.07
1
Used for back-to-back with a combined thickness of .032 [0.81].
2
Quick-change applicator for AMP-O-LECTRIC machine 565435-5.
For AMPOMATOR machine and other machines not listed, contact TE.
3
9600 cma max.
R
R


Similar Part No. - 480053-4

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
   Ultra Precision Bulk Metal Film Resistors
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
   Ideal resistor for precision instrumentation
logo
VBsemi Electronics Co.,...
4800 VBSEMI-4800 Datasheet
1,013Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4800 TUOFENG-4800 Datasheet
303Kb / 4P
   N-Channel Reducded Qg, Fast Switching MOSFET
logo
Heyco.
4800 HEYCO-4800 Datasheet
299Kb / 1P
   Quick Connect Terminals
More results

Similar Description - 480053-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
42281 MACOM-42281 Datasheet
77Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35 SERIES
1652471 MACOM-1652471 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
170031 MACOM-170031 Datasheet
60Kb / 1P
   .025 SERIES FASTIN FASTON RECEPTACLE
521289-1 MACOM-521289-1 Datasheet
61Kb / 1P
   HOUSING, TAB, FASTIN-FASTON, .250 SERIES
logo
TE Connectivity Ltd
60249 TEC-60249 Datasheet
196Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35[.250] SERIES
REV.G2
logo
Tyco Electronics
180924 MACOM-180924 Datasheet
105Kb / 1P
   FASTIN-FASTON CONNECTOR, .250 SRS. TAB HOUSING, 2 POSITIONS
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com