Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

163A19529X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 163A19529X
Description  Solder pin . Angled . Precision machined contacts . .750 19.05 mm Connector spacing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

163A19529X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  163A19529X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 163A19529X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
1|50
No. of pos.
A -0.76
B1 +0.25
B2 -0.25
C
D -0.30
2X 09
31.19
16.79
16.46
25.00 + 0.12
6.12
2X 15
39.52
25.12
24.79
33.30
+ 0.15
- 0.10
6.12
2X 25
53.42
38.84
38.50
47.04 ± 0.13
5.99
2X 37
69.70
55.30
54.96
63.50 ± 0.13
5.99
D-SUB Connectors
Description
Product drawing
D-SUB Standard – Dual port
Solder pin – Angled – Precision machined contacts – .750“ 19.05 mm Connector spacing
Variations: pin – pin; socket – socket; pin – socket
Mounting styles:
- with mounting bracket and 4-40 UNC or M3 threaded insert
- with mounting bracket and 4-40 UNC or M3 front spacer
- with mounting bracket, PCB clip and 4-40 UNC or
M3 threaded insert
- with mounting bracket, PCB clip and 4-40 UNC or M3 front spacer
Quality class 3 (also available in quality class 1)
Shell: Steel tin plated (brass tin plated or stainless steel
available on request)
Mounting style: Threaded insert
Mounting style: Front spacer
Mounting style: PCB clip, threaded insert
Mounting style: PCB clip, front spacer
Graphically representation of only one variant!


Similar Part No. - 163A19529X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A19509X CONEC-163A19509X Datasheet
185Kb / 3P
   DUAL PORT 19.05mm MALE / MALE 2x9pos. - 2x37pos. with threaded insert and clip
19.12.2003
163A19519X CONEC-163A19519X Datasheet
185Kb / 3P
   DUAL PORT 19.05mm MALE / MALE 2x9pos. - 2x37pos. with threaded insert and clip
19.12.2003
More results

Similar Description - 163A19529X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A18399X CONEC-163A18399X Datasheet
201Kb / 1P
   15pos. SOLDER PIN ANGLED
163A18449X CONEC-163A18449X Datasheet
263Kb / 2P
   25pos. SOLDER PIN ANGLED 0.318inch
163A18479X CONEC-163A18479X Datasheet
219Kb / 2P
   15pos. SOLDER PIN ANGLED 0.318inch
163B18619X CONEC-163B18619X Datasheet
199Kb / 2P
   15pos. SOLDER PIN ANGLED 0.318inch
163B19209X CONEC-163B19209X Datasheet
227Kb / 2P
   9pos. SOLDER PIN ANGLED 0.590inch
163A14979X CONEC-163A14979X Datasheet
638Kb / 2P
   25pos. SOLDER PIN ANGLED 0.318inch
163A16419X CONEC-163A16419X Datasheet
300Kb / 2P
   25pos. SOLDER PIN ANGLED 0.370inch
163A16429X CONEC-163A16429X Datasheet
394Kb / 2P
   37pos. SOLDER PIN ANGLED 0.370inch
163A16539X CONEC-163A16539X Datasheet
881Kb / 6P
   9pos. SOLDER PIN ANGLED 0.318inch
163A17539X CONEC-163A17539X Datasheet
181Kb / 1P
   15pos. SOLDER PIN ANGLED 0.318inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com