Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180907-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 180907-0
Description  FASTIN-FASTON Product Line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

180907-0 Datasheet(HTML) 1 Page - Tyco Electronics

  180907-0 Datasheet HTML 1Page - Tyco Electronics 180907-0 Datasheet HTML 2Page - Tyco Electronics 180907-0 Datasheet HTML 3Page - Tyco Electronics 180907-0 Datasheet HTML 4Page - Tyco Electronics 180907-0 Datasheet HTML 5Page - Tyco Electronics 180907-0 Datasheet HTML 6Page - Tyco Electronics 180907-0 Datasheet HTML 7Page - Tyco Electronics 180907-0 Datasheet HTML 8Page - Tyco Electronics 180907-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
60
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTIN-FASTON Product Line
FASTON Terminals (Insulated and Uninsulated)
Product Facts
Used for single and multiple
connections
Receptacles and tabs
available for 6.3, 4.8 and
2.8 mm size (.250 – .187
and .110 Series)
Receptacles mate with
0.5 and 0.8 thick tabs
IEC 60335-1, Glow Wire
750° No Flame housings
available
RoHS Compliant
Material and Finish
Contacts — Brass, and phosphor
bronze base material. Tin and nickel
plated products available
Housings — Polyamide UL 94 V2 and
UL 94 V0
Technical Documents
Application Specifications
114-2025 FASTIN-FASTON Product Line
TE FASTIN-FASTON
connectors offer the
advantage of the FASTON
receptacles technology in
multiple applications. In
wiring harnesses, they are
mainly used as multiposition
and coupling connectors.
Up to 8 position connectors
can be mated in one
operation with a maximum
of 20 leads terminated.
Locking Contacts
Receptacles and tabs in
this version comply fully
with the FASTON
receptacles product
technology. The only
difference is the addition of
a locking lance, which helps
ensure firm retention of
contacts when snapped into
housings. Wiring harnesses
prefabricated with male or
female connectors can be
easily connected to mating
counterparts, even if
manufacturing occurred at
a different site. Any
application of this
technology leads to
essential time savings in
final assembly.


Similar Part No. - 180907-0

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809076 PHOENIX-1809076 Datasheet
66Kb / 5P
   Printed-circuit board connector - MSTBA 2,5/ 2-G-5,08-LR
1809077 PHOENIX-1809077 Datasheet
65Kb / 3P
   Printed-circuit board connector - MSTBC 2,5/ 5-STZ-5,08-R
More results

Similar Description - 180907-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
42281 MACOM-42281 Datasheet
77Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35 SERIES
1652471 MACOM-1652471 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
170031 MACOM-170031 Datasheet
60Kb / 1P
   .025 SERIES FASTIN FASTON RECEPTACLE
521289-1 MACOM-521289-1 Datasheet
61Kb / 1P
   HOUSING, TAB, FASTIN-FASTON, .250 SERIES
logo
TE Connectivity Ltd
60249 TEC-60249 Datasheet
196Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35[.250] SERIES
REV.G2
logo
Tyco Electronics
180924 MACOM-180924 Datasheet
105Kb / 1P
   FASTIN-FASTON CONNECTOR, .250 SRS. TAB HOUSING, 2 POSITIONS
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com