Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

880310-8 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 880310-8
Description  FASTIN-FASTON Product Line
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

880310-8 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 880310-8 Datasheet HTML 4Page - Tyco Electronics 880310-8 Datasheet HTML 5Page - Tyco Electronics 880310-8 Datasheet HTML 6Page - Tyco Electronics 880310-8 Datasheet HTML 7Page - Tyco Electronics 880310-8 Datasheet HTML 8Page - Tyco Electronics 880310-8 Datasheet HTML 9Page - Tyco Electronics 880310-8 Datasheet HTML 10Page - Tyco Electronics 880310-8 Datasheet HTML 11Page - Tyco Electronics 880310-8 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
67
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTIN-FASTON Product Line (Continued)
FASTON Terminals (Insulated and Uninsulated)
110 Series
Receptacle Housings
L
W
H
L
H
W
.181
[4.60]
L
H
W
.197
[5.00]
Typ.
L
W
H
.197
[5.00]
.173
[4.39]
A
B
C
D
L
W
H
L
H
W
L
W
H
.819
[20.80]
1.417
[35.99]
L
W
H
A
B
C
D
Type
Number of
Material
Color
Dimensions
Part
Positions
WH
L
Number
A
1
Nylon
Natural
.236
.236
.710
626062-01
——
5.99
5.99
18.01
B
2
Nylon
Natural
.248
.442
.710
626064-01
——
6.30
11.23
18.01
2
Nylon
Natural
.551
.200
.710
925014-01
——
14.00
5.00
18.03
C
3
Nylon
Natural
.748
.200
.710
925015-01
——
19.00
5.00
18.03
4
Nylon
Natural
.945
.200
.710
925016-01
——
24.00
5.00
18.03
D
4
Nylon
Natural
.423
.344
.708
626056-01
——
10.74
8.74
17.98
1
Not shown.
R
R
Type
Number of
Material
Color
Dimensions
Part
Positions
WH
L
Number
A
1
Nylon
Natural
.327
.327
1.00
626063-0
8.31
8.31
25.43
B
2
Nylon
Natural
.264
.516
1.00
626065-0
6.71
13.11
25.43
3
Nylon
Natural
.629
.284
1.08
925475-1
C
15.98
7.21
27.48
3
Nylon
Black
.629
.284
1.08
925475-2
15.98
7.21
27.48
D
4
Nylon
Natural
.512
.433
1.08
626057-0
13.00
11.00
27.33
R
R
110 Series
Tab Housings
Note: All part numbers are RoHS compliant.


Similar Part No. - 880310-8

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880364 TRIQUINT-880364 Datasheet
127Kb / 5P
   1176 MHz BAW Filter
880364 TRIQUINT-880364_15 Datasheet
238Kb / 6P
   1176 MHz GPS L5 BAW Filter
880365 TRIQUINT-880365_15 Datasheet
129Kb / 5P
   1380 MHz BAW Filter
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
   1030 MHz BAW Filter
logo
Qorvo, Inc
880367 QORVO-880367 Datasheet
152Kb / 6P
   1030 MHz IFF BAW Filter
More results

Similar Description - 880310-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
42281 MACOM-42281 Datasheet
77Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35 SERIES
1652471 MACOM-1652471 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
170031 MACOM-170031 Datasheet
60Kb / 1P
   .025 SERIES FASTIN FASTON RECEPTACLE
521289-1 MACOM-521289-1 Datasheet
61Kb / 1P
   HOUSING, TAB, FASTIN-FASTON, .250 SERIES
logo
TE Connectivity Ltd
60249 TEC-60249 Datasheet
196Kb / 1P
   RECEPTACLE, FASTIN-FASTON, 6.35[.250] SERIES
REV.G2
logo
Tyco Electronics
180924 MACOM-180924 Datasheet
105Kb / 1P
   FASTIN-FASTON CONNECTOR, .250 SRS. TAB HOUSING, 2 POSITIONS
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
   STANDARD FASTON TERMINAL LINE
logo
Bourns Electronic Solut...
PTF60-152A-103B2 BOURNS-PTF60-152A-103B2 Datasheet
178Kb / 2P
   Product Line
logo
AVX Corporation
AA115C104K4R AVX-AA115C104K4R Datasheet
43Kb / 3P
   SpinGuard Product Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com