Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAEDIPTFT43-A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EAEDIPTFT43-A
Description  embedded 4.3 TFT-DISPLAY 480x272 BUILT-IN INTELLIGENCE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAEDIPTFT43-A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EAEDIPTFT43-A Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEDIPTFT43-A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
EAeDIPTFT43-A
Page 5
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
APPLICATION EXAMPLE: RS-485 INTERFACE
With an external converter (e.g.
SN75176), the EA eDIP can be
connected to a 2-wire RS-485
bus. Large distances of up to
1200
m
can
thus
be
implemented (remote display).
Several EA eDIP displays can
be operated on a single RS-485
bus by setting addresses.
APPLICATION EXAMPLE: USB INTERFACE
With an external converter (e.g. FT232R) from FTDI the eDIP can be connected to an USB-Bus.
Virtual-COM-Port drivers are available for different Systems on the FTDI Homepage:
http://www.ftdichip.com/drivers/vcp.htm.
Addressing:
- Up to eight hardware addresses (0 to 7) can be set by means of Pins ADR0..ADR2
- The eDIP with the address 7 is selected and ready to receive after power-on.
- The eDIPS with the addresses 0 to 6 are deselcted after power-on
- Up to 246 further software addresses can be set by means of the ‘#KA adr’ command in the power-on macro (set eDIP
externally to address 0)
application example
application example
application example
APPLICATION EXAMPLE „REAL“ RS-232 INTERFACE
The eDIP fits for direct
connection to a RS-232
interface with CMOS
level (VDD).
If you have an interface
with ±12V level, an
external levelshifter is
needed


Similar Part No. - EAEDIPTFT43-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT32-ATP ETC2-EAEDIPTFT32-ATP Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
EAEDIPTFT70-ATP ETC2-EAEDIPTFT70-ATP Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
More results

Similar Description - EAEDIPTFT43-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAEDIPTFT32-A ETC2-EAEDIPTFT32-A Datasheet
1Mb / 33P
   embedded 3.2 TFT-DISPLAY 320x240 BUILT-IN INTELLIGENCE
EAEDIPTFT70-A ETC2-EAEDIPTFT70-A Datasheet
2Mb / 37P
   embedded 7.0 TFT-DISPLAY 800x480 BUILT-IN INTELLIGENCE
logo
P-tec Corporation
480272DM-4.3-A8-TP P-TEC-480272DM-4.3-A8-TP Datasheet
1Mb / 10P
   TFT 480x272 4.3??LCD
logo
Hantronix,Inc
HDA430-3GH-1 HANTRONIX-HDA430-3GH-1 Datasheet
1Mb / 17P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430PT-6S HANTRONIX-HDA430PT-6S Datasheet
2Mb / 20P
   4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430-3G1H HANTRONIX-HDA430-3G1H Datasheet
1Mb / 18P
   4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430-5S HANTRONIX-HDA430-5S Datasheet
1Mb / 13P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430T-5S HANTRONIX-HDA430T-5S Datasheet
1Mb / 13P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430T-3GH HANTRONIX-HDA430T-3GH Datasheet
504Kb / 18P
   4.3?? 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA430T-3G1H HANTRONIX-HDA430T-3G1H Datasheet
513Kb / 19P
   4.3, 480x272 TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com