Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAKIT120-5LED Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EAKIT120-5LED
Description  CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKIT120-5LED Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EAKIT120-5LED Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKIT120-5LED Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
EA KIT120-5
RS-232 / PORT Box Header J3
Pin Symbol In/Out
Function
EA KV24-9B10
1
VDD
-
+ 5V PowerSupply Pin
Pin
2
DCD
-
Bridge to DTR
1
9-pin
SUB-D
3
DSR
-
Bridge to DTR
6
4
TxD
Out
Transmit Data
2
5
CTS
In
Clear To Send
7
6
RxD
In
Receive Data
3
7
RTS
Out
Request To Send
8
8
DTR
-
seePin 2, Pin3
4
9
-
-
NC
9
10
GND
-
0V Ground
5
11
IN1
In
CMOS Input 1
10-pin
IDC
socket
1
12
OUT1
Out
CMOS Output 1
2
13
IN2
In
CMOS Input 2
3
14
OUT2
Out
CMOS Output 2
4
15
IN3
In
CMOS Input 3
5
16
OUT3
Out
CMOS Output 3
6
17
IN4
In
CMOS Input 4
7
18
OUT4
Out
CMOS Output 4
8
19
IN5
In
CMOS Input 5
9
20
OUT5
Out
CMOS Output 5
10
5V RS-232 Solder Pads J5
Pin Symbol In/Out Function
1
WP
In
EEprom Write Protection
2
VDD
+5V Power Supply
3
GND
0V Ground
4
TXD5
Out
Transmit data CMOS
5
RXD5
In
Receive data CMOS
6
RTS5
Out
Request To Send CMOS
7
CTS5
In
Clear To send CMOS
SUPPLYVOLTAGE / RS-232 CONNECTION
In the standard model, the supply voltage of +5V is fed in via screw-
type terminal J1. Alternatively, the 5V supply can be connected via
J3 (pin 1 and pin 10).
Note: It is imperative that the polarity is correct.
The 20-pin connector J3
contains the connection for
the RS-232 interface
(±12V) and the 5 inputs and
outputs (5V C-MOS level).
The baud rate is set in the
factory to 9600. You can
use
the
program
KITBAUD.EXE (available
on
EA DISK240*))
to
configure it. To do this, you have to connect the KIT to COM1 or
COM2 and pass the new baud rate as a parameter (e.g. KITBAUD
19200). The following baud rates can be set: 1200, 2400, 4800,
9600, 19200, 38400, 56700 and 115200.
Please note that the internal data buffer is only 32 bytes. The RTS
handshake line must therefore be queried (+10V level: data can be
accepted; -10V level: display is busy). The data format is set
permanently to 8 data bits, 1 stop bit, no parity.
If the RS-232 data is fed in to J5 at the 5V level, solder straps LB2 and
LB3 must be opened.
WRITE PROTECTION FOR MACRO PROGRAMMING
Closing solder strap LB1 (WP-VDD connection) prevents the programmed macros, images and fonts
from being overwritten inadvertently. The baud rate can then no longer be set either.
INPUTS AND OUTPUTS
The KIT120 is supplied with 5 digital inputs and 5 outputs (5V CMOS level, non-isolated). The connection
is made at the 20-pin connector J3.
5 outputs: Each line can be controlled by means of the „ESC Y W“ command. The maximum current per
line is 6mA.
5 inputs: The inputs can be queried and evaluated („ESC Y R“) directly via the serial interface. Each
change of logic level (0V or 5V) at the inputs can start an internal port macro. When the 5 lines are
combined, 32 port macros can be addressed. Each of these port macros can change the contents of the
screen or switch an output. This allows a wide range of control tasks to be carried out. To create the port
macros, you need a PC and the floppy disk EA DISK240. You will find a more detailed description of this
on page 6. Automatic poll querying can be disabled by means of the „ESC Y A 0“ command.
Note: The logic circuitry is designed for slow operations; in other words, more than 3 changes per second
cannot be easily executed. If an input is open, this is evaluated as high (approx. 50 kOhm pullup).
*) also available on the Internet at http://www.lcd-module.de/deu/disk/disk240.zip


Similar Part No. - EAKIT120-5LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT128 ETC2-EAKIT128 Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-GXT ETC2-EAKIT128-GXT Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-GXTB ETC2-EAKIT128-GXTB Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-V24B ETC2-EAKIT128-V24B Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-V24TP ETC2-EAKIT128-V24TP Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
More results

Similar Description - EAKIT120-5LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT160-7 ETC2-EAKIT160-7 Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT129-6 ETC2-EAKIT129-6 Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT240-7 ETC2-EAKIT240-7 Datasheet
754Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com