Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAKIT129-6LWTP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EAKIT129-6LWTP
Description  CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKIT129-6LWTP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EAKIT129-6LWTP Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKIT129-6LWTP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
EA KIT129-6
DEFAULTSETTINGS
After power-on or a manual reset, the registers shown here are
set to a specific value.
Please note that all the settings can be overwritten by creating
a power-on macro (normal macro no. 0).
DIGITL INPUTS AND OUTPUTS
EA KIT129 provides 8 digital in- or outputs (5V
CMOS level, grounded). Definition for each line as an
In- or Output can be done at any time. Connection will
be done via J120 as a 2x5 double row pin header.
8 inputs
Factory-set all lines are set to input (internally pulled-up). However, the inputs will
be queried and evaluated directly via the serial interface ("ESC Y R"). Additionally
to that a voltage of >4V starts an internal port macro (if defined). When the 8 lines
are combined, up to 256 port macros can thus be addressed. Each of these port
macros can change the contents of the screen or switch an output, thus enabling
a wide range of control functions. To create the port macros you need a PC and
the EA DISK240*) floppy disk. You will find a more detailed description on page 6.
The automatic port query can be disabled by means of the "ESC Y A 0" command.
Note: The logic circuitry is designed for slow operations; in other words, more than
3 changes per second cannot be easily executed. If an input is left open, it is logical
high (internaly pulled-up via 100 kOhm).
8 outputs
Writing the command "ESC Y M anz" will redefine one or more line as an output. Upper lines will be
outputs and lower lines stay as inputs. Command "ESC Y M 2" for example
defines IO8 and IO7 as output lines and IO1~6 will stay as inputs.
Each (re-defined) line can be controlled individually using the "ESC Y W"
command. A maximum current of 10mA can be switched per line. Please
note that these 10mA are valid for L-level; H-level will drive some hundrets
of
µA only. For more power use an external transistor or MOSFET.
In- and Output J120
Pin Symbol
Function
Pin Symbol
Function
1
VDD
+5V Supply
2
IO 1
Port 1
3
IO 2
Port 2
4
IO 3
Port 3
5
IO 4
Port 4
6
IO 5
Port 5
7
IO 6
Port 6
8
IO 7
Port 7
9
IO 8
Port 8
10
GND
0V, Ground
Default settings
Register
Command
after
power-on / reset
Text mode
ESC L
set, black
Terminal font
ESC FT
Font 3, no zoom
Cursor
ESC QC
on
Flashing frequ.
ESC QZ
0.6 sec.
Graphics
mode
ESC V
set
Graphics font
ESC F
Font 3, no zoom
Last xy
ESC W
(0;0)
Bargraph 1/2
ESC B
undefined / unchanged
Selekt/deselekt
ESC K
selected
I/O 1..8
ESC Y
8 inputs
ATTENTION
handling precautions!


Similar Part No. - EAKIT129-6LWTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LED ETC2-EAKIT120-5LED Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LEDTP ETC2-EAKIT120-5LEDTP Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT128 ETC2-EAKIT128 Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-GXT ETC2-EAKIT128-GXT Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
More results

Similar Description - EAKIT129-6LWTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT160-7 ETC2-EAKIT160-7 Datasheet
800Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT240-7 ETC2-EAKIT240-7 Datasheet
754Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com