Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4936 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DL4936
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DL4936 Datasheet(HTML) 1 Page - Diodes Incorporated

  DL4936 Datasheet HTML 1Page - Diodes Incorporated DL4936 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S15001 Rev. D-2
1 of 2
DL4933-DL4937
Features
·
Glass Passivated Junction
·
Low Leakage
·
Low Forward Voltage Drop
·
High Current Capability
·
For Surface Mounted Application
·
Plastic Material UL Flammability
Classification Rating 94V-0
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
DL4933
DL4934
DL4935
DL4936
DL4937
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Maximum Average Forward Rectified Current @ TT=75°C
IO
1.0
A
Peak Forward Surge Current 8.3 ms half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ IF = 1.0A
VF
1.2
V
Maximum DC Reverse Current at Rated Blocking Voltage
IR
5.0
mA
Maximum Full Load Reverse Current Full Cycle Average
@ TT = 55
°C
IR
100
mA
Maximum Reverse Recovery Time (Note 1)
trr
200
ns
Typical Junction Capacitance (Note 2)
Cj
15
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Reverse Recovery Test Conditions: IF =1.0A, VR =30V, di/dt = 50 A/
ms.
2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V.
DL4933 - DL4937
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Mechanical Data
·
Case: MELF, Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode band
·
Approx Weight: 0.25 grams
·
Mounting Position: Any
·
Marking: Cathode Band Only
MELF
Dim
Min
Max
A
4.80
5.20
B
2.40
2.60
C
0.55 Nominal
All Dimensions in mm
C
A
B


Similar Part No. - DL4936

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4936 MCC-DL4936 Datasheet
90Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4936 SYNSEMI-DL4936 Datasheet
35Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4936 DIOTECH-DL4936 Datasheet
906Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4936 MCC-DL4936 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
Shenzhen Luguang Electr...
DL4936 LUGUANG-DL4936 Datasheet
185Kb / 2P
   1.0Ampere Recovery Rectifiers Glass Passivated
More results

Similar Description - DL4936

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com