Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAKIT160-7CTP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EAKIT160-7CTP
Description  CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EAKIT160-7CTP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EAKIT160-7CTP Datasheet HTML 1Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 2Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 3Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 4Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 5Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 6Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 7Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 8Page - List of Unclassifed Manufacturers EAKIT160-7CTP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
EA KIT160-7
GENERAL
The EA KIT160-7 graphics kit is a fully assembled control and operating unit with a variety of integrated
functions. The display has very compact dimensions and offers excellent super-twist contrast, which
means the unit can be put into operation immediately. It is controlled via the standard RS-232 or RS-422
interface. In addition to complete graphics routines for display output, the graphics kit also contains a
wide variety of fonts. Graphics command similar to those used in high-level programming languages are
used for programming. There is thus no longer any need for the time-consuming programming of
character sets and graphics routines. The ease of use offered by macros and input via touch panel make
it a real power display.
DISPLAYOPTIONS
CFL-Backlight
EA KIT160-7CTP: blue background with white characters. Extreme bright and
contrastful. Life time of backlight 10,000~20,000 hours. Backlight unit is available as a
spare part: EA CFL160-7. Power consumption: typ. 300mA@5V
LED-Backlight
EA KIT160-7LWTP: blue background with white characters. Great contrast, power
consumption: typ. 250mA@5V
HARDWARE
The graphics kit is designed for an operating voltage of +5V. A supply voltage of 9..35V is also possible.
Serial asynchronous data transfer is carried out in RS-232 or RS-422 format. The transmission format
is set permanently to 8 data bits, 1 stop bits, and no parity. A transimssion rate of between 1200 and
115,200 baud can be selected by means of DIP switches. RTS and CTS handshake lines are available.
Data format:
TOUCH PANEL
The EA KIT160-7CTP and -7LWTP versions are equipped with an integrated touch panel. You can make
entries and choose menu settings by touching the display. The labeling of the "keys" is flexible and can
also be changed during runtime (different languages, icons). The drawing of the individual "keys" and
the labeling or grouping of several fields is handled by the integrated software.
SOFTWARE
The graphic kits are programmed by means of commands such as
Draw a rectangle from (0,0) to
(64,15). No additional software or drivers are required. Strings can be placed withpixel accuracy. Text
and graphics can be combined at any time. Up to 16 different character sets can be used. Thus, when
the 8-times zoom is used with the largest character set (16x8), the words and numbers fill the screen
(128x64).
ACCESSORIES
Front panel for mounting
A front panel made of anodized aluminum is available as an accessory. This allows the graphics kit to
be mounted without any screws visible. Installing it is child's play. The EA 0FP160-7 front panel is
available in black (SW) and blue (BL).
Floppy disk for creating macros
A floppy disk (EA DISK240) is required for macro programming*). This converts the commands entered
in a text file into a code that can be read by the graphics kit, and programs them into the EEPROM.
Cable for PC
To enable simple connection to PCs (macro programming), we provide a 1.5m cable and a 9-pin SUB-D
female connector (EA KV24-9B). Simply insert it into COM 1 or COM 2 and get started. Note: The cable
is not suitable for the RS-422 version (EA OPT-RS4224).
*) Also on the Internet: http://www.lcd-module.de/deu/disk/disk240.zip


Similar Part No. - EAKIT160-7CTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LED ETC2-EAKIT120-5LED Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT120-5LEDTP ETC2-EAKIT120-5LEDTP Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT128 ETC2-EAKIT128 Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
EAKIT128-GXT ETC2-EAKIT128-GXT Datasheet
556Kb / 13P
   BEDIENEINHEIT 128x64 MIT ZEICHENS횆TZEN UND GRAFIKBEFEHLEN
More results

Similar Description - EAKIT160-7CTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EAKIT120-5 ETC2-EAKIT120-5 Datasheet
758Kb / 21P
   CONTROL PANEL WITH FONTS GRAPHICS COMMANDS AND MACROS
EAKIT129-6 ETC2-EAKIT129-6 Datasheet
573Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAKIT240-7 ETC2-EAKIT240-7 Datasheet
754Kb / 21P
   CONTROL PANEL WITH FONTS, GRAPHICS COMMANDS AND MACROS
EAGE240-7KCV24 ETC2-EAGE240-7KCV24 Datasheet
1Mb / 16P
   COMPLETE UNIT WITH 3 FONTS AND INTELLIGENT CONTROLLER
logo
ELM Electronics
ELM329LP ELM-ELM329LP Datasheet
428Kb / 87P
   Fully configurable with AT commands
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Vishay Siliconix
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
logo
List of Unclassifed Man...
BLK-MD-BC04-B ETC1-BLK-MD-BC04-B Datasheet
341Kb / 21P
   BLUETOOTH MODULE AT COMMANDS
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Vishay Siliconix
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com