Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5D0412S-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M5D0412S-A
Description  1 DIAMETER 2.0 AMPS 28 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M5D0412S-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M5D0412S-A Datasheet HTML 1Page - List of Unclassifed Manufacturers M5D0412S-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M
ADDITIONAL OPTIONS AND ORDERING INFORMATION
M5 - SERIES
CUSTOM SWITCHES ARE AVAILABLE. CONTACT THE FACTORY WITH YOUR COMPLETE SPECIFICATIONS.
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
49
M5
D
CUSTOMERS SPECIFIED ORDER NUMBER FOR STANDARD OPTIONS
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY)
(SPECIFY) (SPECIFY)
(SPECIFY)
ADDITIONAL OPTIONS
SHAFT AS VIEWED
WITH NON-TURN LUG
AT 9 O'CLOCK AND
SHAFT IN EXTREME
CCW POSITION AND
STRUT BOLTS
ORIENTED VERTICALLY.
SHAFT
, BUSHING, AND FLAT OPTIONS
U
2 DIGIT
INSULATION
TOTAL
ACTIVE
CONTACT
SERIES
TYPE
POLES
POSITIONS
TYPE
INDEX
STOP
SHAFT/
SHAFT
ANGLE
TYPE
BUSHING
FLAT
M5
D - DIALLYL
01 - MIN.
12 - MAX @ 30
°
S- SHORTING
10 - MAX @ 36
°
N- NON
08 - MAX @ 45
°
SHORTING
06 - MAX @ 60
°
04 - MAX @ 90
°
30
°
F - FIXED
36
°
A- ADJ.
45
°
(30
° AND 36°
*60
°
ONLY)
SEE
SEE
*90
°
C- CONT.
CHART
CHART
“A”
“B”
How to Order Additional Options:
CHART "B"
P/N
FLAT
OPT.
ANGLE
U
105
°
- STD
B
ROUND
CHART "A"
P/N
SHAFT
BUSH.
OPT.
LGTH.
LGTH.
"A"
"B"
01
7/16
7/16
- STD
02
3/8
5/16
*NOT AVAILABLE IN SHORTING


Similar Part No. - M5D0412S-A

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M5D MOSDESIGN-M5D Datasheet
158Kb / 1P
   3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
2012-04-11
logo
List of Unclassifed Man...
M5D1 ETC1-M5D1 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
M5D5 ETC1-M5D5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M5D5 EDAL-M5D5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
logo
List of Unclassifed Man...
M5D9 ETC1-M5D9 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M5D0412S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
   2 5/16 DIAMETER 2.25 AMPS 28 VDC
E4C0117S ETC2-E4C0117S Datasheet
70Kb / 3P
   2 13/16 DIAMETER 11.0 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com