Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EASER162-BNLW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EASER162-BNLW
Description  THE SERIALS DOTMATRIX DISPLAYS WITH RS-232
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EASER162-BNLW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EASER162-BNLW Datasheet HTML 1Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 2Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 3Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 4Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 5Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 6Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 7Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 8Page - List of Unclassifed Manufacturers EASER162-BNLW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
THE SERIALS
Page 2
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
Adresseinstellung bei Displays im Snap-In
Adresseinstellung über DIP-Schalter
Adresseinstellung per Lötbrücken
9..35V Versorgung bei Displays im Snap-In
General
The Serials
The Serials
The Serials
The Serials
The Serials represents a complete LCD-Dotmatrix familiy with
input circuit and frontal bezel.These LCD-modules also includes
a RS-232 interface (or optional RS-422). The mounting is done
through holes of the LCD-module, the data connection is made
to a standard RS-232C/RS-422 interface. Transfer rate can be
set by jumper on 300, 1200, 2400 or 9600 Baud. All cursor
controls (line feed etc.) are performed automatically. All displays
feature LED-backlight illumination. Matching frontal bezel with
antiglare glass is included also.
scheme
Power SUPPLY / CONTRAST ADJUSTMENT
Supply voltage is +5V, current consumption depends on type of display and its illumination (100-800
mA, see table on page 20).
The Serials can be connected to power either by screw terminals or with
RS-232 connector. Display contrast is adjustable by potentiometer.
important: It is imperative that the polarity is correct. Even very brief polarity reversal can damage the
entire operating unit immediately and irreparably.
Multiple Displays on a single RS-232C
A single RS-232C can operate a number of displays. For that an individual adress must be assigned
to each display. Commands "Select/Deselect" will target each individual display.
1) not available with SER308, SER408, SER3016 and SER4016
2) not available with SER082-C, SER204-4, SER242-B, SER3016 and SER4016


Similar Part No. - EASER162-BNLW

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
   Timers Delay on Operate Type EAS
logo
Panasonic Semiconductor
EAS-45P30S PANASONIC-EAS-45P30S Datasheet
141Kb / 4P
   General Speaker
EAS-4D02CO PANASONIC-EAS-4D02CO Datasheet
141Kb / 4P
   General Speaker
EAS-4P15SA PANASONIC-EAS-4P15SA Datasheet
141Kb / 4P
   General Speaker
EAS-6P22S PANASONIC-EAS-6P22S Datasheet
141Kb / 4P
   General Speaker
More results

Similar Description - EASER162-BNLW

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
logo
Pepperl+Fuchs Inc.
KFD2-FF-EX2.RS232 PF-KFD2-FF-EX2.RS232 Datasheet
1Mb / 4P
   RS 232 Repeater
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Moxa Inc.
DA-682A-UART MOXA-DA-682A-UART Datasheet
813Kb / 3P
   Expansion modules with RS-232/422/485 and RS-232/485 serial ports
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
   5V RS-232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com