Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5D0606S-A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M5D0606S-A
Description  1 DIAMETER 2.0 AMPS 28 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M5D0606S-A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M5D0606S-A Datasheet HTML 1Page - List of Unclassifed Manufacturers M5D0606S-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
2.0 amps @ 28 VDC; 2.5 amp @ 120 VAC.
Current Carrying Capacity: 12 amps.
Dielectric Strength: 1,500 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 5 milliohms.
Insulation Resistance: In excess of 100,000 megohms
Hardware: Mounting nut and lockwasher are shipped assembled.
ADJUSTABLE STOPS
SWITCHES - 30
° INDEXING - STOPS SET @ 2 POS. - SOLDER LUG TERMINALS
SPECIFICATIONS AND ORDERING INFORMATION
M5 - SERIES
1" DIAMETER
2.0 AMPS @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Terminals: Copper alloy with silver plating as standard.
Insulation: Diallyl phthalate.
Index: Dual-ball, hill and valley design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard, 36°, 45°, 60°, and 90° available.
Index Stops: Fixed standard, adjustable, or continuous.
Stop Strength: 15 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGE 55.
STANDARD CONSTRUCTION
M5D - DIALLYL PHTHALATE CONSTRUCTION
48
UNIT OF ELECTRO SWITCH CORP.
ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS
DECK
DECKS
SHORTING
*
The M5 Series was orginally designed to meet the requirements of
MIL-S-3786/4. Standard construction includes 30
° indexing up to 12
positions, solder lug terminals and adjustable stops. A very reliable
switch for long life.
01
02-12
1
1
M5D0112S - A
M5D0112N - A
CE
02
02-12
1
2
M5D0212S - A
M5D0212N - A
CE
02
02-06
2
1
M5D0206S - A
M5D0206N - A
CJ
03
02-12
1
3
M5D0312S - A
M5D0312N - A
CE
04
02-12
1
4
M5D0412S - A
M5D0412N - A
CE
04
02-06
2
2
M5D0406S - A
M5D0406N - A
CJ
06
02-06
2
3
M5D0606S - A
M5D0606N - A
CJ
08
02-06
2
4
M5D0806S - A
M5D0806N - A
CJ


Similar Part No. - M5D0606S-A

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M5D MOSDESIGN-M5D Datasheet
158Kb / 1P
   3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
2012-04-11
logo
List of Unclassifed Man...
M5D1 ETC1-M5D1 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
M5D5 ETC1-M5D5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M5D5 EDAL-M5D5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
logo
List of Unclassifed Man...
M5D9 ETC1-M5D9 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M5D0606S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
   1 1/2 DIAMETER 1.5 AMPS 28 VDC
D7C0205S ETC2-D7C0205S Datasheet
84Kb / 2P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
   1 5/16 DIAMETER 1.5 AMPS 28 VDC
D7G0111S ETC2-D7G0111S Datasheet
87Kb / 3P
   1 7/8 DIAMETER 2.25 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
   1.687 DIAMETER 1.5 AMPS 28 VDC
D5G0106S ETC2-D5G0106S Datasheet
73Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
   2 5/16 DIAMETER 1.5 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
   2 5/16 DIAMETER 2.25 AMPS 28 VDC
E4C0117S ETC2-E4C0117S Datasheet
70Kb / 3P
   2 13/16 DIAMETER 11.0 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com