Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQP2R02W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQP2R02W
Description  4.7 mm3.5 mm SMD Light Touch Switch es
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP2R02W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQP2R02W Datasheet HTML 1Page - Panasonic Semiconductor EVQP2R02W Datasheet HTML 2Page - Panasonic Semiconductor EVQP2R02W Datasheet HTML 3Page - Panasonic Semiconductor EVQP2R02W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Light Touch Switches/EVQP2/P9/3P2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
0.6
2.5
3
4
1
2
0.6
±0.1
1.7
±0.1
3.7
±0.1
6.6
±0.1
φ1.8
1
2
3
4
PWB land pattern for reference
Circuit diagram
+0.2
–0.1
3.5
±0.1
1.65
±0.1
Dimensions in mm (not to scale)
No. 1
Part Numbers
Ground Terminal Operating Force
Height
Push Plate Color
Operating Life
EVQP2B02B
With
2.5 N
2.5 mm
Blue
1000000 cycles
EVQP2D02Q
With
3.5 N
2.5 mm
Grey
500000 cycles
EVQP2F02K
With
5.0 N
2.5 mm
Black
200000 cycles
EVQP2H02B
Without
2.5 N
2.5 mm
Blue
1000000 cycles
EVQP2K02Q
Without
3.5 N
2.5 mm
Grey
500000 cycles
EVQ3P202K
Without
5.0 N
2.5 mm
Black
200000 cycles
EVQP2
EVQ3P2
Middle push travel
With J-bent terminals
(With Ground terminal)
Oct. 2012
00


Similar Part No. - EVQP2R02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2R02W PANASONIC-EVQP2R02W Datasheet
102Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
EVQP2R02W PANASONIC-EVQP2R02W Datasheet
102Kb / 4P
   Light Touch Switches/EVQP2/P9/3P2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com