Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMMT3904W Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMMT3904W
Description  MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT3904W Datasheet(HTML) 3 Page - Diodes Incorporated

  DMMT3904W Datasheet HTML 1Page - Diodes Incorporated DMMT3904W Datasheet HTML 2Page - Diodes Incorporated DMMT3904W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30311 Rev. 3 - 2
3 of 3
DMMT3904W
www.diodes.com
0.1
1
10
0.1
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 5, Typical Base-Emitter
Saturation Voltage vs. Collector Current
I
C
I
B
=10
0.01
0.1
1
0.1
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 4, Typical Collector-Emitter
Saturation Voltage vs. Collector Current
I
C
I
B
=10
1
10
1000
100
0.1
1
10
1000
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Typical DC Current Gain vs
Collector Current
T = -25°C
A
T = +25°C
A
T = 125°C
A
V
= 1.0V
CE
0
5
15
10
0.1
1
10
100
V
, COLLECTOR-BASE VOLTAGE (V)
CB
Fig. 2, Input and Output Capacitance vs.
Collector-Base Voltage
Cibo
Cobo
f=1MHz
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Max Power Dissipation vs
Ambient Temperature
100
150
200
0


Similar Part No. - DMMT3904W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT3904W DIODES-DMMT3904W Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
logo
Pan Jit International I...
DMMT3904W PANJIT-DMMT3904W Datasheet
129Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMMT3904W DIODES-DMMT3904W Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
DMMT3904W-7-F DIODES-DMMT3904W-7-F Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
DMMT3904W-7-F DIODES-DMMT3904W-7-F Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
More results

Similar Description - DMMT3904W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT5551 DIODES-DMMT5551 Datasheet
77Kb / 3P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30436 Rev. 4 - 2
DMMT3904W DIODES-DMMT3904W_2 Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
DMMT5551 DIODES-DMMT5551_2 Datasheet
121Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30436 Rev. 8 - 2
DMMT3904W DIODES-DMMT3904W_1 Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
DMMT5551 DIODES-DMMT5551_1 Datasheet
101Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30436 Rev. 7 - 2
logo
Pan Jit International I...
DMMT3904W PANJIT-DMMT3904W Datasheet
129Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMMT5551 DIODES-DMMT5551_15 Datasheet
121Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DMMT3906 DIODES-DMMT3906 Datasheet
92Kb / 3P
   MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30293 Rev. A-2
DMMT5401 DIODES-DMMT5401_2 Datasheet
117Kb / 4P
   MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 6 - 2
DMMT3906 DIODES-DMMT3906_15 Datasheet
130Kb / 4P
   MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com