Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXII-7730HC Datasheet(PDF) 3 Page - 3M Electronics

Part # EXII-7730HC
Description  EX II Series Capacitive Touch System Electronics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EXII-7730HC Datasheet(HTML) 3 Page - 3M Electronics

  EXII-7730HC Datasheet HTML 1Page - 3M Electronics EXII-7730HC Datasheet HTML 2Page - 3M Electronics EXII-7730HC Datasheet HTML 3Page - 3M Electronics EXII-7730HC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EXII-ASIC-C
Serial RS-232 / USB Rev 1.1
N/A
N/A
Based on design
5-pin locking AMP
> 700,000 hours
Based on design
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
Based on design
UL/cUL, FCC-B, CE, VCCI, AS/NZS
3548, RoHS
MT 7 (Win Vista,2000, XP, XPe,
WEPOS, CE.net 4.0/5.0, Linux)
TouchWare (Win 95, 98, NT)
1 Year
EX II ASIC Chipset
EXII-3710SP
Serial RS-232
69-901 TouchPen Kit (includes
stylus, stylus cable, RS232 cable)
69-502 (stylus)
7311240 (stylus cable)
7311273 (RS232 cable)
4.80" X 1.35" x .32"
121.9 x 34.3 x 8.2 mm
12V through RS232 cable
6-pin Molex
> 600,000 hours
± 8KV Contact, ± 27KV Air
0 to 95% non-condensing at +36ºC
-50º to +85º C
-40º to +70º C
12Vdc ± 5% 100 mA
UL/cUL, FCC-B, CE, VCCI,
AS/NZS 3548, RoHS
MT 7 (Win Vista, 2000, XP, XPe,
WEPOS, CE.net 4.0/5.0, Linux)
TouchWare (Win 95, 98, NT)
5 Years
TouchPen System
Part Numbers
Communications Protocol
Optional Components
Dimensions
Power Connection
Touch Screen Connection
Mean Time Between
Failure (MTBF)
Electrostatic Discharge (ESD)
Relative Humidity
Storage Temperature
Operating Temperature
Power Requirements (Typical)
Regulatory
Driver Support
Warranty
Capacitive Touch System Electronics
EX II Series


Similar Description - EXII-7730HC

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
logo
Keysight Technologies
TS-5400 KEYSIGHT-TS-5400 Datasheet
980Kb / 15P
   TS-5400 Series II Automotive Electronics Functional Test System
logo
ELAN Microelectronics C...
EKT8100A EMC-EKT8100A Datasheet
963Kb / 37P
   Capacitive Touch Pad Controller
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
   Capacitive Touch Sensor Controller
Revised May. 26, 2021
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
   True Multi-Touch Capacitive Touch Panel Controller
logo
BCD Semiconductor Manuf...
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
   Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
   Superior Multi-touch Capacitive Touch Screen Controller
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
   Enhanced Multi-touch Capacitive Touch Screen Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com