Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL140.0M-77A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 813-SL140.0M-77A
Description  140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL140.0M-77A Datasheet(HTML) 2 Page - Oscilent Corporation

  813-SL140.0M-77A Datasheet HTML 1Page - Oscilent Corporation 813-SL140.0M-77A Datasheet HTML 2Page - Oscilent Corporation 813-SL140.0M-77A Datasheet HTML 3Page - Oscilent Corporation 813-SL140.0M-77A Datasheet HTML 4Page - Oscilent Corporation 813-SL140.0M-77A Datasheet HTML 5Page - Oscilent Corporation 813-SL140.0M-77A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Oscilent Part Number
813-SL140.0M-77A
January 2011 Rev A
140.0 MHz IF SAW Filter 77.30 MHz Bandwidth
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Pin Description
A, B, C, D, F, G, H, I, J, L Ground
K Input
E Output
Test Fixture & Values
Input L1=27 nH, C1=24 pF
Output L2=39 nH
Source/Load Impedance 50 Ω


Similar Part No. - 813-SL140.0M-77A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL140.0M-05 OSCILENT-813-SL140.0M-05 Datasheet
217Kb / 2P
   Base Station & Repeater
813-SL140.0M-05 OSCILENT-813-SL140.0M-05_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 4.8MHz Bandwidth
813-SL140.0M-07 OSCILENT-813-SL140.0M-07 Datasheet
182Kb / 2P
   Base Station & Repeater
813-SL140.0M-07 OSCILENT-813-SL140.0M-07_14 Datasheet
120Kb / 4P
   Low-Loss 140MHz IF SAW Filter 7.4MHz Bandwidth
813-SL140.0M-08 OSCILENT-813-SL140.0M-08 Datasheet
249Kb / 2P
   Base Station & Repeater
More results

Similar Description - 813-SL140.0M-77A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA140CD TRANSKO-TA140CD Datasheet
294Kb / 3P
   140.0 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 1: 29. Oct. 2007
TA14015AD1 TRANSKO-TA14015AD1 Datasheet
522Kb / 4P
   140.0 MHz IF SAW Filter / 15.90 MHz Bandwidth
Revision 0: 06. May 2009
TL14077AV TRANSKO-TL14077AV Datasheet
531Kb / 4P
   140.0 MHz IF SAW Filter / 77.30 MHz Bandwidth
Revision 0: 15 Oct. 2009
logo
Oscilent Corporation
813-SL140.0M-20A OSCILENT-813-SL140.0M-20A Datasheet
221Kb / 6P
   140.0 MHz IF SAW Filter 20.80 MHz Bandwidth
logo
Transko Electronics, In...
TA14015BD1 TRANSKO-TA14015BD1 Datasheet
523Kb / 4P
   140.0 MHz IF SAW Filter / 15.57 MHz Bandwidth
Revision 0: 22. Jul. 2009
TA14015CV TRANSKO-TA14015CV Datasheet
623Kb / 4P
   140.0 MHz IF SAW Filter / 15.90 MHz Bandwidth
Revision 0: 07. Sep. 2011
logo
Oscilent Corporation
821-IF140.0M-15A OSCILENT-821-IF140.0M-15A Datasheet
443Kb / 6P
   140.0 MHz IF SAW Filter 15.90 MHz Bandwidth
logo
Transko Electronics, In...
TA14016AD1 TRANSKO-TA14016AD1 Datasheet
565Kb / 4P
   140.0 MHz IF SAW Filter / 16.32 MHz Bandwidth
Revision 0: 21. Apr. 2009
TL14006AV TRANSKO-TL14006AV Datasheet
667Kb / 5P
   140.0 MHz IF SAW Filter / 6.40 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14013AV TRANSKO-TL14013AV Datasheet
623Kb / 5P
   140.0 MHz IF SAW Filter / 13.70 MHz Bandwidth
Revision 0: 03 Feb. 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com