Electronic Components Datasheet Search |
|
DMMT3904 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DMMT3904 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 3 page DS30311 Rev. 3 - 2 1 of 3 DMMT3904W www.diodes.com · Epitaxial Planar Die Construction · Intrinsically Matched NPN Pair (Note 1) · Small Surface Mount Package · 2% Matched Tolerance, hFE, VCE(SAT), VBE(SAT) · 1% Matched Tolerance, Available (Note 2) Features Maximum Ratings @ TA = 25 °C unless otherwise specified Mechanical Data · Case: SOT-363, Molded Plastic · Case material - UL Flammability Rating Classification 94V-0 · Moisture sensitivity: Level 1 per J-STD-020A · Terminals: Solderable per MIL-STD-202, Method 208 · Terminal Connections: See Diagram · Marking (See Page 2): K4A · Marking Code & Date Code Information: See Page 2 · Weight: 0.015 grams (approx.) DMMT3904W MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR Characteristic Symbol DMMT3904W Unit Collector-Base Voltage VCBO 60 V Collector-Emitter Voltage VCEO 40 V Emitter-Base Voltage VEBO 6.0 V Collector Current - Continuous IC 200 mA Power Dissipation (Note 3) Pd 200 mW Thermal Resistance, Junction to Ambient (Note 3) RqJA 625 °C/W Operating and Storage Temperature Range Tj,TSTG -55 to +150 °C Notes: 1. Built with adjacent die from a single wafer. 2. Contact the Diodes, Inc. Sales department. 3. Device mounted on FR5 PCB: 1.0 x 0.75 x 0.62 in.; pad layout as shown on suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping DMMT3904W-7 SOT-363 3000/Tape & Reel Ordering Information (Note 4) SOT-363 Dim Min Max A 0.10 0.30 B 1.15 1.35 C 2.00 2.20 D 0.65 Nominal F 0.30 0.40 H 1.80 2.20 J ¾ 0.10 K 0.90 1.00 L 0.25 0.40 M 0.10 0.25 a 8° All Dimensions in mm A M J L D B C H K G F C 2 E 2 E 1 B 2 B 1 C 1 |
Similar Part No. - DMMT3904 |
|
Similar Description - DMMT3904 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |