Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILHB-1806 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILHB-1806
Description  High Current Multilayer Ferrite Beads
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILHB-1806 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILHB-1806 Datasheet HTML 1Page - Vishay Siliconix ILHB-1806 Datasheet HTML 2Page - Vishay Siliconix ILHB-1806 Datasheet HTML 3Page - Vishay Siliconix ILHB-1806 Datasheet HTML 4Page - Vishay Siliconix ILHB-1806 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ILHB
www.vishay.com
Vishay Dale
Revision: 19-Jun-12
3
Document Number: 34102
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES (Frequency Characteristics of R, X, and Z)
0
10
20
30
40
50
60
70
Z
X
R
ILHB-1206 50
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
20
80
Z
X
R
30
10
90
70
50
60
40
100
ILHB-1206 75
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
40
80
100
120
Z
X
R
60
20
140
160
ILHB-1206 120
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
200
400
500
600
Z
X
R
300
100
ILHB-1206 500
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
200
400
500
600
Z
X
R
300
100
ILHB-1206 600
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
20
80
Z
X
R
30
10
90
70
50
60
40
100
ILHB-1806 60
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
40
80
100
120
Z
X
R
60
20
140
160
ILHB-1812 120
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
Z
X
R
ILHB-1812 600
Ω
1000
100
10
1
10 000
FREQUENCY (MHz)


Similar Part No. - ILHB-1806

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB-1806 VISHAY-ILHB-1806 Datasheet
121Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 06-Mar-07
ILHB-1806 VISHAY-ILHB-1806 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
ILHB-1806 VISHAY-ILHB-1806 Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB-1806 VISHAY-ILHB-1806 Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
More results

Similar Description - ILHB-1806

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB1812ER601V VISHAY-ILHB1812ER601V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB VISHAY-ILHB Datasheet
121Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 06-Mar-07
ILHB0603ER121V VISHAY-ILHB0603ER121V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB1812ER121V VISHAY-ILHB1812ER121V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB0805ER900V VISHAY-ILHB0805ER900V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB VISHAY-ILHB_V01 Datasheet
132Kb / 5P
   High Current Multilayer Ferrite Beads
01-Jan-2022
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com