Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4991-SLS2-TR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IS31AP4991-SLS2-TR
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS31AP4991-SLS2-TR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IS31AP4991-SLS2-TR Datasheet HTML 3Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 10Page - List of Unclassifed Manufacturers IS31AP4991-SLS2-TR Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IS31AP4991
Integrated Silicon Solution, Inc. – www.issi.com
Rev. B, 10/18/2012
7
Frequency (Hz)
Vcc = 5V
RL = 8Ω
Po = 800mW
10
u
100
u
20
u
30
u
40
u
50
u
70
u
20
20k
50 100 200
500 1k
2k
5k
Vcc = 5V
RL = 8Ω
A Weighted Filter
Figure 9
Noise Floor
Figure 10
Output Power vs. Power Supply


Similar Part No. - IS31AP4991-SLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - IS31AP4991-SLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4973 STMICROELECTRONICS-TS4973 Datasheet
375Kb / 9P
   1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com