Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4991-GRLS2-TR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IS31AP4991-GRLS2-TR
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS31AP4991-GRLS2-TR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IS31AP4991-GRLS2-TR Datasheet HTML 1Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 2Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 3Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers IS31AP4991-GRLS2-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IS31AP4991
Integrated Silicon Solution, Inc. – www.issi.com
Rev. B, 10/18/2012
5
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage, VCC
-
0.3V ~ +6.0V
Voltage at any input pin
-
0.3V ~ VCC+0.3V
Maximum junction temperature, TJMAX
150°C
Storage temperature range, TSTG
-
65°C ~ +150°C
Operating temperature range, TA
−40°C ~ +85°C
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
The following specifications apply for CIN = 0.22μF, RIN = RF = 20kΩ, CBYPASS = 1μF, unless otherwise specified.
Limits apply for TA = 25°C. VCC=5V (Note 2 or specified)
Symbol
Parameter
Condition
Typ.
Limit
Unit
ICC
Quiescent power supply current
VCC = 0V, Io = 0A, no Load
4.8
mA (max)
ISTBY
Standby current
VSTBY = GND, RL = ∞
1
μA(max)
VSTBYH
Shutdown voltage input high
VCC = 5.5V
1.4
V(min)
VSTBYL
Shutdown voltage input low
VCC = 2.7V
0.4
V(max)
VOS
Output offset voltage
15
mV (max)
Po
Output power (8Ω)
THD+N = 1%; f = 1kHz
1.18
W
THD+N = 10%; f = 1kHz
1.46
tWU
Wake-up time (Note 3)
CBYPASS = 1μF
115
ms
THD+N
Total harmonic distortion+noise
(Note 3)
Po = 0.5Wrms; f = 1kHz
0.025
%
PSRR
Power supply rejection ratio
(Note 3)
Vripple p-p = 200mV
Input Grounded
f = 217Hz
65
dB
f = 1kHz
77
The following specifications apply for CIN = 0.22μF, RIN = RF = 20kΩ, CBYPASS = 1μF, unless otherwise specified.
Limits apply for TA= 25°C. VCC=3V (Note 2 or specified)
Symbol
Parameter
Condition
Typ.
Limit
Unit
ICC
Quiescent power supply current
VCC = 0V, Io = 0A, no Load
3.8
mA(max)
ISTBY
Standby current
VSTBY = GND, RL = ∞
1
μA(max)
Po
Output power (8Ω)
THD+N = 1%; f = 1kHz
405
mW
THD+N = 10%; f = 1kHz
502
tWU
Wake-up time (Note 3)
CBYPASS = 1μF
102
ms
THD+N
Total harmonic distortion+noise
(Note 3)
Po = 0.3Wrms; f = 1kHz
0.027
%
Note 2:
Production testing of the device is performed at 25°C. Functional operation of the device and parameters specified over other
temperature range, are guaranteed by design, characterization and process control.
Note 3:
Guaranteed by design.


Similar Part No. - IS31AP4991-GRLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - IS31AP4991-GRLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4973 STMICROELECTRONICS-TS4973 Datasheet
375Kb / 9P
   1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com