Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD2360 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ISD2360
Description  Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD2360 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ISD2360 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD2360 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PRELIMINARY DATASHEET
- 8 -
Publication Release Date: 4/21/2012
Revision 0.3
5
PIN DESCRIPTION
– QFN32
Pin
Number
Pin Name
I/O
Function
1
NC
This pin should be left unconnected.
2
NC
This pin should be left unconnected.
3
MOSI /
GPIO0
I
Master-Out-Slave-In. Serial input to the ISD2360 from the host.
Can be configured as a general purpose I/O pin.
4
VSSD
Digital Ground.
5
NC
This pin should be left unconnected.
6
NC
This pin should be left unconnected.
7
NC
This pin should be left unconnected.
8
NC
This pin should be left unconnected.
9
NC
This pin should be left unconnected.
10
VCCD_PWM
I
Digital Power for the PWM Driver.
11
SPK+
O
PWM driver positive output. This SPK+ output, together with SPK- pin,
provide a differential output to drive 8
Ω speaker or buzzer. During
power down this pin is in tri-state.
12
VSSD_PWM
I
Digital Ground for the PWM Driver.
13
VSSD_PWM
I
Digital Ground for the PWM Driver.
14
SPK-
O
PWM driver negative output. This SPK- output, together with SPK+
pin, provides a differential output to drive 8
Ω speaker or buzzer.
During power down this pin is tri-state.
15
VCCD_PWM
I
Digital Power for the PWM Driver.
16
NC
This pin should be left unconnected.
17
NC
This pin should be left unconnected.
18
NC
This pin should be left unconnected.
19
NC
This pin should be left unconnected.
20
NC
This pin should be left unconnected.
21
INTB /
GPIO3
O
Active low interrupt request pin. This pin is an open-drain output.
Can be configured as a general purpose I/O pin.
22
RDY/BSYB /
GPIO4
O
An output pin to report the status of data transfer on the SPI interface.
“High” indicates that ISD2360 is ready to accept new SPI commands
or data. Can be configured as a general purpose I/O pin.
23
NC
This pin should be left unconnected.


Similar Part No. - ISD2360

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD2360 NUVOTON-ISD2360 Datasheet
1Mb / 33P
   Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
ISD2360 NUVOTON-ISD2360 Datasheet
1Mb / 34P
   ISD ChipCorder짰
ISD2360 NUVOTON-ISD2360 Datasheet
1Mb / 35P
   ISD ChipCorder짰 ISD2360 Series
ISD2360 NUVOTON-ISD2360_V01 Datasheet
1Mb / 34P
   ISD ChipCorder짰
ISD2360 NUVOTON-ISD2360_V02 Datasheet
1Mb / 35P
   ISD ChipCorder짰 ISD2360 Series
More results

Similar Description - ISD2360

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD2360 NUVOTON-ISD2360 Datasheet
1Mb / 33P
   Digital ChipCorder with Embedded Flash 3-Channel Audio Playback
ISD2100 NUVOTON-ISD2100 Datasheet
1,019Kb / 28P
   Digital ChipCorder With Embedded Flash for Stand-alone Playback of Audio
logo
Nuvotem Talema
ISD3800FYI TALEMA-ISD3800FYI Datasheet
468Kb / 25P
   Digital ChipCorder with Digital Audio Interface
logo
Nuvoton Technology Corp...
ISD15D00 NUVOTON-ISD15D00 Datasheet
690Kb / 26P
   Digital ChipCorder with Digital Audio Interface
ISD3800 NUVOTON-ISD3800 Datasheet
881Kb / 26P
   Digital ChipCorder with Digital Audio Interface
ISD15C00 NUVOTON-ISD15C00 Datasheet
739Kb / 22P
   Multi-Message Record/Playback Devices with Digital Audio Interface
ISD3900 NUVOTON-ISD3900 Datasheet
728Kb / 22P
   Multi-Message Record/Playback Devices with Digital Audio Interface
ISD15100 NUVOTON-ISD15100 Datasheet
739Kb / 22P
   Multi-Message Record/Playback Devices with Digital Audio Interface
logo
Synaptics Incorporated.
KX1400 CONEXANT-KX1400 Datasheet
650Kb / 2P
   Description KX1400 Audio Playback IC
logo
STMicroelectronics
AN2146 STMICROELECTRONICS-AN2146 Datasheet
201Kb / 6P
   STR71xF Embedded Flash Programming with ADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com