Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292B Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6292B
Description  Complete Charger for Single-Cell Li-ion Batteries
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292B Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6292B Datasheet HTML 4Page - Intersil Corporation ISL6292B Datasheet HTML 5Page - Intersil Corporation ISL6292B Datasheet HTML 6Page - Intersil Corporation ISL6292B Datasheet HTML 7Page - Intersil Corporation ISL6292B Datasheet HTML 8Page - Intersil Corporation ISL6292B Datasheet HTML 9Page - Intersil Corporation ISL6292B Datasheet HTML 10Page - Intersil Corporation ISL6292B Datasheet HTML 11Page - Intersil Corporation ISL6292B Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN9139 .1
April 19, 2005
Applications Information
Power-On Reset (POR)
The ISL6292B has a 3.4V rising POR threshold. Before the
input voltage reaches the POR threshold, the 2.9V V2P9 pin
outputs 0V and the charger is disabled. Once the POR
threshold is reached, the V2P9 pin outputs 2.9V, the open-
drain MOSFET on the DT pin is turned on, and the ambient
temperature monitoring circuit starts to function. After a
delay and after the input voltage rises above the battery
voltage, the charger control circuit starts to work and the DT
pin impedance becomes high. Figure 3 shows the sequence
of the events at power on. The POR has a falling threshold
of 2.4V typically. At power on, all counters are reset to zero.
Charge Current and RIREF Selection
When the ISL6292B is used as a traditional linear charger,
the RIREF sets the constant charge current. The trickle
charge current is 10% of the CC current IREF. When working
with a current-limited supply, the CC current is determined
by the supply limited current ILIM. IREF needs to be
programmed higher than ILIM and is used as an overcurrent
protection. Taking into account the tolerance of both the ILIM
and IREF, it is recommended the IREF be programmed at
least 30% higher than the ILIM. IREF can be found by the
following equation:
(EQ. 1)
The trickle charge current is 10% of IREF, that is,
(EQ. 2)
The ISL6292B has a comparator with 100mV offset voltage
to ensure the input voltage is higher than the battery voltage
before charging starts (see the Block Diagram). This
condition requires ILIM be higher than 400mA. The upper
limit for ILIM is 1.5A.
EOC Current and RIMIN Selection
The EOC current is programmed by the IMIN pin and can be
calculated by the following equation:
(EQ. 3)
The EOC current has a programming range up to 400mA.
To qualify as an EOC condition, the charge current needs to
drop below the IMIN level and stay below the IMIN level for
more than three to four cycles of the internal oscillator;
additionally, the battery voltage rises above the recharge
threshold given in the Electrical Specification table.
Internal Oscillator
The internal oscillator establishes a timing reference. The
oscillation period is programmable with an external timing
capacitor, CTIME, as shown in Typical Applications. The
oscillator charges the timing capacitor to 1.5V and then
discharges it to 0.5V in one period, both with 10
µA current.
The period TOSC is:
(EQ. 4)
A 1nF capacitor results in a 0.2ms oscillation period. The
accuracy of the period is mainly dependent on the accuracy
of the capacitance and the internal current source.
Total Charge Time and CTIME Selection
The total charge time for the CC mode and CV mode is
limited to a length of TIMEOUT, which can be found by:
(EQ. 5)
FIGURE 3. EVENT SEQUENCE AT POWER UP
VIN
V2P9
DT
Imped
Charger
Start
POR
IREF
0.8V
RIREF
----------------- 10
5
×
A
()
=
ITrickle
0.8V
RIREF
----------------- 10
4
×
A
()
=
IMIN
0.8V
RIMIN
---------------- 10
4
×
A
()
=
TOSC
0.2 10
6 C
TIME
=
onds
sec
()
FIGURE 4. OPERATION WAVEFORMS
VIN
V2P9
RED
GRN
VBAT
I CHG
15 Cycle s to
1/8 TIM EOUT
15
Cycle s
POR
Thre shold
t0 t1 t2 t3
t4
t5
t6 t7
t8
Charge
Cycle
Charge
Cycle
IMIN
DT
Impe d.
MIN
MIN
MIN
RECHRG
V
2.8V V MIN
TIMEOUT
14
CTIME
1nF
------------------
=
minutes
()
ISL6292B


Similar Part No. - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292B INTERSIL-ISL6292B Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292BCR RENESAS-ISL6292BCR Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292BCR-T INTERSIL-ISL6292BCR-T Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com