Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695IDGKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDGKR
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695IDGKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA695IDGKR Datasheet HTML 4Page - Texas Instruments OPA695IDGKR Datasheet HTML 5Page - Texas Instruments OPA695IDGKR Datasheet HTML 6Page - Texas Instruments OPA695IDGKR Datasheet HTML 7Page - Texas Instruments OPA695IDGKR Datasheet HTML 8Page - Texas Instruments OPA695IDGKR Datasheet HTML 9Page - Texas Instruments OPA695IDGKR Datasheet HTML 10Page - Texas Instruments OPA695IDGKR Datasheet HTML 11Page - Texas Instruments OPA695IDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
OPA695
8
SBOS293G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
G = +8, RF = 402Ω, RL = 100Ω, unless otherwise noted.
60
55
50
45
40
35
30
25
20
103
104
105
106
107
108
CMRR AND PSRR vs FREQUENCY
Frequency (Hz)
–PSRR
+PSRR
CMRR
100
90
80
70
60
50
40
30
20
10
0
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
105
106
107
108
109
OPEN-LOOP TRANSIMPEDANCE GAIN AND PHASE
Frequency (Hz)
20 log| Z
OL|
∠ Z
OL
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
5
4
3
2
1
0
–1
–2
–3
–4
–5
I
O (mA)
–250 –200
–100 –50
–150
0
50
100
150
200
250
100
Ω Load Line
1 Watt
Internal Power
1 Watt
Internal Power
25
Ω Load Line
50
Ω Load Line
130
120
110
14
13
12
11
10
–25
50
0
25
75
100
125
Ambient Temperature (
°C)
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Sourcing Output Current
Supply Current
Sinking Output
Current
Left Scale
Left Scale
Right Scale
6
4
2
0
–2
–4
–6
Time (50ns/div)
NONINVERTING OVERDRIVE RECOVERY
Output
Linear Input Range
Input
See Figure 1
G = +8V/V
6
4
2
0
–2
–4
–6
Time (50ns/div)
INVERTING OVERDRIVE RECOVERY
Output
Linear Input Range
Input
See Figure 2
G = –8V/V


Similar Part No. - OPA695IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com