Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT15603 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT15603
Description  156.2MHz SAW Filter 8MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT15603 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT15603 Datasheet HTML 1Page - SIPAT Co,Ltd LBT15603 Datasheet HTML 2Page - SIPAT Co,Ltd LBT15603 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT15603
Rev. Date
2011-04-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
156.2MHz SAW Filter
8MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT15603
Typical Performance
Frequency Response
Passband Response
140
145
150
155
160
165
170
175
-113.7404
-103.7404
-93.7404
-83.7404
-73.7404
-63.7404
-53.7404
-43.7404
-33.7404
-23.7404
-13.7404
Type Performance
Frequency(MHz)
150
152
154
156
158
160
162
164
-25.7404
-25.2404
-24.7404
-24.2404
-23.7404
-23.2404
-22.7404
-22.2404
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±3.9MHz)
Phase Linearity(f0±3.9MHz)
152
154
156
158
160
162
3200
3400
3600
3800
4000
4200
4400
4600
4800
X: 152.3
Y: 3943
Type Performance
Frequency(MHz)
X: 160.1
Y: 3957
X: 156.2
Y: 4060
152
154
156
158
160
162
-50
-40
-30
-20
-10
0
10
20
30
40
X: 160.1
Y: 6.35
Type Performance
Frequency(MHz)
X: 152.3
Y: -3.915
X: 156.2
Y: 0.2586
Horizontal: 2MHz/Div
Vertical: 200ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBT15603

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT156102 SIPAT-LBT156102 Datasheet
354Kb / 3P
   For RF SAW filter
More results

Similar Description - LBT15603

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
   340MHz SAW Filter 8MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
   250MHz SAW Filter 8MHz Bandwidth
LBN07403 SIPAT-LBN07403 Datasheet
274Kb / 3P
   74MHz SAW Filter 8MHz Bandwidth
LBN03602 SIPAT-LBN03602 Datasheet
138Kb / 3P
   36.15MHz SAW Filter 8MHz Bandwidth
LBT11801 SIPAT-LBT11801 Datasheet
140Kb / 3P
   117.9MHz SAW Filter 8MHz Bandwidth
LBT46901 SIPAT-LBT46901 Datasheet
189Kb / 3P
   470.4MHz SAW Filter 8MHz Bandwidth
LBS140A21 SIPAT-LBS140A21 Datasheet
153Kb / 3P
   140MHz SAW Filter 8MHz Bandwidth
LBN03603 SIPAT-LBN03603 Datasheet
323Kb / 3P
   36.1MHz SAW Filter 8MHz Bandwidth
LBT25003 SIPAT-LBT25003 Datasheet
149Kb / 3P
   250MHz SAW Filter 8MHz Bandwidth
LBT34003 SIPAT-LBT34003 Datasheet
160Kb / 3P
   340MHz SAW Filter 8MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com