Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBT16034 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT16034
Description  160MHz SAW Filter 9MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT16034 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT16034 Datasheet HTML 1Page - SIPAT Co,Ltd LBT16034 Datasheet HTML 2Page - SIPAT Co,Ltd LBT16034 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT16034
Rev. Date
2005-12-15
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz SAW Filter
9MHz Bandwidth
Part Number:LBT16034
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.9
160
160.1
Insertion Loss
dB
-
25.8
30
1 dB Bandwidth
MHz
8.95
9.05
-
3 dB Bandwidth
MHz
9.25
9.4
-
40 dB Bandwidth
MHz
-
10.56
10.8
50 dB Bandwidth
MHz
-
10.71
-
Passband Variation(f0±4.375MHz)
dB
-
0.8
1.0
Absolute Delay
usec
-
3.1
-
Group Delay
Variation(f0±4.375MHz)
nsec
-
60
100
Ultimate Rejection
dB
50
56
-
Material Temperature coefficient
KHz/°C
-2.88
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=22nH L2=15nH
C1=33pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBT16034

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16034 SIPAT-LBT16034 Datasheet
283Kb / 3P
   160MHz SAW Filter 9MHz Bandwidth
More results

Similar Description - LBT16034

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16034 SIPAT-LBT16034 Datasheet
283Kb / 3P
   160MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
   455.9MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
   200MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
   830.05MHz SAW Filter 9MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
   70MHz SAW Filter 9MHz Bandwidth
LBT11567 SIPAT-LBT11567 Datasheet
150Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
147Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBN70A21 SIPAT-LBN70A21 Datasheet
281Kb / 3P
   70MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com