Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-18-1150 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 10-18-1150
Description  2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 15 Circuits, 15
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

10-18-1150 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  10-18-1150 Datasheet HTML 1Page - Molex Electronics Ltd. 10-18-1150 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/26/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
10-18-1150
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 15 Circuits, 15
Male Terminals
Documents:
3D Model
Packaging Specification PK-3099-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
3099
Application
Power, Wire-to-Board
Comments
Solder Type|Round Pin
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800754215817
Physical
Breakaway
No
Circuits (Loaded)
15
Circuits (maximum)
15
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-2
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
3
Orientation
Vertical
PC Tail Length
4.32mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
5.03mm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Material Info
Old Part Number
30991501
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
3099Series
Mates With
03-09-1154 , 03-09-1157


Similar Part No. - 10-18-1150

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-18-1120 MOLEX11-10-18-1120 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 12 Circuits, 12
10-18-1122 MOLEX1-10-18-1122 Datasheet
118Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Header, 3 Rows, Shrouded, Unfilled Polyester, UL 94V-0, 12 Circuits, 12 Female Terminals
10-18-1122 MOLEX11-10-18-1122 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, 3 Rows, Shrouded, Unfilled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com