Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT456P Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DT456P
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT456P Datasheet(HTML) 1 Page - Diodes Incorporated

  DT456P Datasheet HTML 1Page - Diodes Incorporated DT456P Datasheet HTML 2Page - Diodes Incorporated DT456P Datasheet HTML 3Page - Diodes Incorporated DT456P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D
S11614 Rev. C-4
1 of 4
DT456P
DT456P
P-CHANNEL ENHANCEMENT MODE
FIELD EFFECT TRANSISTOR
Features
Thermal Characteristics
Maximum Ratings 25°C unless otherwise specified
Notes:
1. RQJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as
the
solder mounting surface of the drain pins. RQJC is guaranteed by design while RQCA is determined by the user’s board design.
1a. With 1 in2 oz 2 oz. copper mounting pad RQJA = 42°C/W.
1b. With 0.0066 in2 oz 2 oz. copper mounting pad RQJA = 95°C/W.
1c. With 0.0123 in2 oz 2 oz. copper mounting pad RQJA = 110°C/W.
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Note 1a Continuous
Pulsed
ID
±7.5
±20
A
Maximum Power Dissipation
Note 1a
Note 1b
Note 1c
Pd
3.0
1.3
1.1
W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
·
High Cell Density DMOS Technology
·
Low On-State Resistance
·
High Power and Current Capability
·
Fast Switching Speed
·
High Transient Tolerance
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction-to-Ambient
Note 1
RQJA
42
°C/W
Thermal Resistance, Junction-to-Case
RQJC
12
°C/W
D
G
D
S
A
B
C D
G
H
J
K
L
M
N
P
R
S
E
Mechanical Data
·
SOT-223 Plastic Case
·
Terminal Connections: See Outline Drawing
and Internal Circuit Diagram Above
SOT-223
Dim
Min
Max
A
6.30
6.71
B
2.90
3.10
C
6.71
7.29
D
3.30
3.71
E
2.22
2.35
G
0.92
1.00
H
1.10
1.30
J
1.55
1.80
K
0.025
0.102
L
0.66
0.79
M
4.55
4.70
N
10°
P
10°
16°
R
0.254
0.356
S
10°
16°
All Dimensions in mm


Similar Part No. - DT456P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT451AN DIODES-DT451AN Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11606 Rev. C-4
DT451N DIODES-DT451N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11607 Rev. C-4
DT452AP DIODES-DT452AP Datasheet
74Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11611 Rev. C-4
DT452P DIODES-DT452P Datasheet
74Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11612 Rev. C-4
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
More results

Similar Description - DT456P

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com