Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63677-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 63677-2
Description  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

63677-2 Datasheet(HTML) 1 Page - Tyco Electronics

  63677-2 Datasheet HTML 1Page - Tyco Electronics 63677-2 Datasheet HTML 2Page - Tyco Electronics 63677-2 Datasheet HTML 3Page - Tyco Electronics 63677-2 Datasheet HTML 4Page - Tyco Electronics 63677-2 Datasheet HTML 5Page - Tyco Electronics 63677-2 Datasheet HTML 6Page - Tyco Electronics 63677-2 Datasheet HTML 7Page - Tyco Electronics 63677-2 Datasheet HTML 8Page - Tyco Electronics 63677-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
10
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
FASTON Receptacles
TE offers a full line of
uninsulated quick connects.
We offer products for a wide
variety of applications in
almost every market and
industry we serve. It is
important to choose the cor-
rect terminal for each appli-
cation. The following is a
list of application specific
characteristics that must be
considered when determin-
ing the best terminal for
each individual application.
Mating Tab
Size (312, 250, 205, 187,
110, etc.)
Wire Type
Magnet or stranded
Wire Orientation
Straight or flag
Temperature/Environment
Base metal plating
requirements
Insulator required
Pre-insulated housing
required
Agency Approvals
(UL/CSA)
Application
Continuous strip or
loose piece
Special Applications
Moldable
Hermetic
Printed circuit board
Piggyback (straight/flag)
Reversible flags
Center strip
Positive locking
Product Facts
Full line of premier, budget,
LIF, moldable and hermetic
uninsulated receptacles
Straight, right-angle and
receptacle and tab
combinations available
Receptacles available in
.312, .250, .205, .187, .125
and .110 sizes
Available in 8-30 AWG wire
ranges
Receptacles mate with .032
and .020 thick tabs
Available with or without
secondary wire support
Base materials brass,
phosphor bronze and steel
available
Tin, silver and nickel plated
products available
Products designed and
manufactured to meet UL
310 specifications
Products designed and
manufactured to meet CSA
C22.2 specifications


Similar Part No. - 63677-2

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6367 ALPHAWIRE-6367 Datasheet
74Kb / 1P
   Component 1 7 X 1 PAIR
logo
List of Unclassifed Man...
6367-45 ETC2-6367-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6367-47 ETC2-6367-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6367-49 ETC2-6367-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6367-50 ETC2-6367-50 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 63677-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
Tyco Electronics
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
   HOUSING, RECEPTACLE,FASTON
726386 MACOM-726386 Datasheet
50Kb / 1P
   FASTON TAB 6.3X0.8
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
   RECEPTACLE, FASTON, FLAG
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
   RECEPTACLE, FASTON, SPECIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com