Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1546657-3 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1-1546657-3
Description  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1546657-3 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1-1546657-3 Datasheet HTML 2Page - Tyco Electronics 1-1546657-3 Datasheet HTML 3Page - Tyco Electronics 1-1546657-3 Datasheet HTML 4Page - Tyco Electronics 1-1546657-3 Datasheet HTML 5Page - Tyco Electronics 1-1546657-3 Datasheet HTML 6Page - Tyco Electronics 1-1546657-3 Datasheet HTML 7Page - Tyco Electronics 1-1546657-3 Datasheet HTML 8Page - Tyco Electronics 1-1546657-3 Datasheet HTML 9Page - Tyco Electronics 1-1546657-3 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
117
Catalog Number Code (Continued)
2
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Note: Some catalog number combinations are not valid. Check appropriate catalog pages before ordering. Catalog
numbering code applies only to the catalog numbers on pages 119-124, 127-129, 134-136.
6 PCV-04-XXX
Terminal Style
DBL
= Double Printed Circuit Pin
PCR
= Printed Circuit, Right Angle
PCV
= Printed Circuit Pin, Vertical
QCR
= Quick Connect Tab, Right Angle
QCV
= Quick Connect Tab, Vertical
STR
= Solder Turret, Right Angle
STV
= Solder Turret, Vertical
TBV
= Non Feed Thru
WWR = Solderless Wire Wrap, Right Angle
WWV = Solderless Wire Wrap, Vertical
Suffix (if applicable)
Contact Spacing
3 = 0.250”
4 = 0.325”
6 = 0.375”
8 = 0.4375”
Number of Circuits
02 through XX


Similar Part No. - 1-1546657-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1546670-0 MACOM-1-1546670-0 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
1-1546670-1 MACOM-1-1546670-1 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
1-1546670-2 MACOM-1-1546670-2 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
1-1546670-3 MACOM-1-1546670-3 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
1-1546670-4 MACOM-1-1546670-4 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
More results

Similar Description - 1-1546657-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com