Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

443906-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 443906-2
Description  .050, .075, .100 Box Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

443906-2 Datasheet(HTML) 1 Page - Tyco Electronics

  443906-2 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details for 443906
- 2
Languages
: English |
Deutsch | Español | Português (do Brasil)
| ??????? | Italiano
| ? ? ? ? ( ? ? ) | ? ? ( ? ? ) | ? ? ?
Country Sites
: China | Japan
Home | Customer Support
| Supplier
| Site Map | Privacy Policy
| Browser Support
© 2006 Tyco Electronics Corporation All Rights Reserved
Home > Products > By Type > Two - Piece Connector
> Product Feature Selector
> Product Details
443906
- 2
Active
.050, .075, .100 Box Connectors
ELV Compliant
(Statement of Compliance)
Product Highlights:
?
Pin Header Assembly
?
1.27 mm Centerline
?
Number of Rows = 2
?
60 Positions
?
Post Styles = Card Extender Contact
View all Features
Check Pricing &
Availability
Search for Tooling
Product Feature
Selector
Contact Us About
This Product
Quick Links
Documentation & Additional Information
Product Drawings:
?
PIN HEADER ASSY,MINI - BOX SHROUDED,CARD EXTENDER
WITH...
(PDF, English)
Catalog Pages/Data Sheets:
?
None Available
Product Specifications:
?
None Available
Application Specifications:
?
None Available
Instruction Sheets:
?
None Available
CAD Files:
?
None Available
List all Documents
Additional Information:
?
Product Line Information
Related Products:
?
Tooling
Product Features
(Please use the Product Drawing for all design activity)
Product Type Features:
?
Product Type = Pin Header Assembly
?
Number of Positions
= 60
?
Post Size (mm [in]) = 0.46 [.018]
?
Sealed = No
?
Strain Relief = Without
?
Mount Angle
= Vertical
?
PCB Mount Style = Thru Hole
?
Color = Gray
?
Comment = With keying
Termination Related Features:
?
Termination Post Length (mm [in]) = 3.56
[0.140]
Body Related Features:
?
Centerline (mm [in]) = 1.27 [0.050]
?
Number of Rows
= 2
?
Post Styles = Card Extender Contact
?
Staggered Rows
= No
?
Gasket = Without
?
Pin Protection = With
?
Hybrid = No
?
Jackscrews = Without
?
Stabilizers = Without
Contact Related Features:
?
Contact Mating Area Plating = Gold (50)
?
Contact Material = Brass
?
Contact Termination Area Plating = Pre
- Tin
Housing Related Features:
?
Housing Material = Liquid Crystal Polymer
(LCP)
Industry Standards:
?
Government/Industry Qualification = No
?
RoHS/ELV Compliance
= ELV compliant
?
Lead Free Solder Processes
= Wave solder
capable to 240°C, Wave solder capable to 260°
C, Wave solder capable to 265°C
?
RoHS/ELV Compliance History = Always was
ELV compliant
Operation/Application:
?
Application = Rack Mounting
Other:
?
Brand = AMP
Search By:
Part Number
Text
Tips
n
m
lk
ji
n
m
lk
j
Enter a complete or partial part number...
Go
Sign In
Products
Documentation
Resources
My Account
Customer Support
About Us


Similar Part No. - 443906-2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4439 FESTO-4439 Datasheet
74Kb / 1P
   Gap sensor
logo
List of Unclassifed Man...
4439 ETC-4439 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
Belden Inc.
443945 BELDEN-443945 Datasheet
152Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, LSZH Jkt, Eca
12-19-2022
443945.00100 BELDEN-443945.00100 Datasheet
152Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, LSZH Jkt, Eca
12-19-2022
443945.00500 BELDEN-443945.00500 Datasheet
152Kb / 2P
   Surveillance CCTV, RG-59 #20 BC, 90% BC Braid, LSZH Jkt, Eca
12-19-2022
More results

Similar Description - 443906-2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HBHR20VSG ADAM-TECH-HBHR20VSG Datasheet
128Kb / 1P
   .050 BOX HEADERS .050 X .050 & .050 X .100
BHR-34-VUA ADAM-TECH-BHR-34-VUA Datasheet
129Kb / 1P
   .100 BOX HEADERS
logo
National Semiconductor ...
MKT-W20A NSC-MKT-W20A Datasheet
90Kb / 1P
   CERPACK, .540 X .266 X .075 BODY, 20 LD, .050 PITCH
logo
Hirose Electric
HIF7-34DA-1.27DSAL HIROSE-HIF7-34DA-1.27DSAL Datasheet
848Kb / 8P
   1.27mm (.050) MINIATURE CONNECTORS
logo
Adam Technologies, Inc.
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MSBG ADAM-TECH-MSBG Datasheet
136Kb / 1P
   MINI SHUNTS .050 & .100 [2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
   .100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
logo
Tyco Electronics
530328-2 MACOM-530328-2 Datasheet
51Kb / 1P
   SOLID KEYING PIN FOR BOX CONNECTORS
logo
Adam Technologies, Inc.
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com