Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCH5-050AU Datasheet(PDF) 4 Page - Emerson Network Power

Part # DCH5-050AU
Description  Embedded Power for Business-Critical Continuity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DCH5-050AU Datasheet(HTML) 4 Page - Emerson Network Power

  DCH5-050AU Datasheet HTML 1Page - Emerson Network Power DCH5-050AU Datasheet HTML 2Page - Emerson Network Power DCH5-050AU Datasheet HTML 3Page - Emerson Network Power DCH5-050AU Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 06.08.05
DA4 Series
4 of 3
Rev.06.24.11_26
DCH5 Series
4 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
PIN 1(Vout)
PIN 4 (GROUND)
12 34
Pin Numbers
Connected Together
Notes:
1.Specificationssubjecttochangewithoutnotice.
2.Alldimensionsininches(mm),toleranceis±.02”.
3.Warranty:2years
4.Weight:0.144lb./0.066kg.
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2011EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
PinAssignments


Similar Part No. - DCH5-050AU

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DCH5-050AU ARTESYN-DCH5-050AU Datasheet
1Mb / 4P
   DCH5 Series 5 Watts
DCH5-050AU ARTESYN-DCH5-050AU Datasheet
1Mb / 4P
   Overload and short circuit protection
More results

Similar Description - DCH5-050AU

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com