Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5096-03C Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5096-03C
Description  7.92mm Pitch SPOX??Header, Vertical, with Friction Lock, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5096-03C Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5096-03C Datasheet HTML 1Page - Molex Electronics Ltd. 5096-03C Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Material Info
Old Part Number
5096-03C
Reference - Drawing Numbers
Product Specification
PS-5195-002, PS-5195-006, PS-5239-005,
RPS-5096-001
Sales Drawing
SD-5096-001
This document was generated on 05/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5096-03C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5096-03C MOLEX1-5096-03C Datasheet
108Kb / 3P
   7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 3 Circuits
More results

Similar Description - 5096-03C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0010634037 MOLEX1-0010634037 Datasheet
108Kb / 3P
   7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 3 Circuits
10-63-4047 MOLEX11-10-63-4047 Datasheet
39Kb / 2P
   7.92mm Pitch SPOX??Header, Vertical, with Friction Lock, 4 Circuits
10-63-4027 MOLEX11-10-63-4027 Datasheet
38Kb / 2P
   7.92mm Pitch SPOX??Header, Vertical, with Friction Lock, 2 Circuits
10-63-4057 MOLEX11-10-63-4057 Datasheet
39Kb / 2P
   7.92mm Pitch SPOX??Header, Vertical, with Friction Lock, 5 Circuits
0010634047 MOLEX1-0010634047 Datasheet
108Kb / 3P
   7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 4 Circuits
0010634027 MOLEX1-0010634027 Datasheet
108Kb / 3P
   7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 2 Circuits
0010634057 MOLEX1-0010634057 Datasheet
108Kb / 3P
   7.92mm (.312") Pitch SPOX??Header, Vertical, with Friction Lock, 5 Circuits
0010321031 MOLEX1-0010321031_17 Datasheet
29Kb / 2P
   5.08mm Pitch SPOX Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
10-32-1031 MOLEX11-10-32-1031 Datasheet
36Kb / 2P
   5.08mm Pitch SPOX??Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
0010321031 MOLEX1-0010321031 Datasheet
91Kb / 3P
   5.08mm (.200") Pitch SPOX??Wire-to-Board Header, Vertical, with Friction Lock, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com