Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA28PL28D-YA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA28PL28D-YA
Description  28 PIN PLCC SOCKET ADAPTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA28PL28D-YA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA28PL28D-YA Datasheet HTML 1Page - List of Unclassifed Manufacturers PA28PL28D-YA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
EETools:
PA28PL28D


Similar Part No. - PA28PL28D-YA

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
PA28-2450-120SA APITECH-PA28-2450-120SA Datasheet
64Kb / 1P
   UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN INCHES
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
   28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
   28 pin DIP ZIF socket/28 pin PLCC plug
PA28-28Z ETC2-PA28-28Z Datasheet
30Kb / 1P
   28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
   28 pin PLCC socket/28 pin PLCC plug
More results

Similar Description - PA28PL28D-YA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
   28 pin PLCC socket/28 pin PLCC plug
PA32PL32D-YC ETC2-PA32PL32D-YC Datasheet
106Kb / 1P
   32 PIN PLCC SOCKET ADAPTER
HA52PL48DB ETC2-HA52PL48DB Datasheet
108Kb / 2P
   52 PIN PLCC SOCKET ADAPTER
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
   28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
   28 pin DIP ZIF socket/28 pin PLCC plug
PA28SO28D-EO-300 ETC2-PA28SO28D-EO-300 Datasheet
81Kb / 2P
   28 PIN SOP SOCKET ADAPTER
PA32-28 ETC2-PA32-28 Datasheet
28Kb / 1P
   32 pin PLCC socket/28 pin DIP 0.6??plug
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
   52 pin PLCC socket/52 pin PLCC plug
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
   44 pin PLCC socket/44 pin PLCC plug
logo
Assmann Electronics Inc...
A-CCS44-G-R ASSMANN-A-CCS44-G-R Datasheet
268Kb / 1P
   PLCC SOCKET 44 PIN, GOLD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com