Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1546306-7 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 2-1546306-7
Description  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1546306-7 Datasheet(HTML) 5 Page - Tyco Electronics

  2-1546306-7 Datasheet HTML 1Page - Tyco Electronics 2-1546306-7 Datasheet HTML 2Page - Tyco Electronics 2-1546306-7 Datasheet HTML 3Page - Tyco Electronics 2-1546306-7 Datasheet HTML 4Page - Tyco Electronics 2-1546306-7 Datasheet HTML 5Page - Tyco Electronics 2-1546306-7 Datasheet HTML 6Page - Tyco Electronics 2-1546306-7 Datasheet HTML 7Page - Tyco Electronics 2-1546306-7 Datasheet HTML 8Page - Tyco Electronics 2-1546306-7 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
116
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Catalog Number Code
Base Options
C = Closed Base
F = Flat Base
R = Raised Base
T = Turret Base
or
Mounting Piece Options
R = Right-angle mounting,
without bracket
V = Vertical mounting
SSB
3
F
P
06
02
02
11
AA
Type of Block
SSB = Dual-Barrier
RSB = Tri-Barrier
Contact Spacing
3 = 0.325”
6 = 0.375”
7 = 0.4375”
Mounting Options
E = Open end positions, with mounting inserts, with end barriers
F = Open end positions, without mounting inserts, without end barriers
G = Open end positions, with mounting inserts, without end barriers
H = All positions filled with contacts, without end barriers
M = Open end positions, without mounting inserts, with end barriers
P = All positions filled with contacts, with end barriers
T = Threaded mounting plate in each end position
Number of Circuits
02 through XX
Terminal Options
Top Hardware Options
Circuit
Identification
Options
OPTIONAL TERMINAL IDENTIFICATION
Select the desired version from the list below and add the
CODE NUMBER (11, 12, 15 or 16) to the end of the catalog number
of the connector or header.
CODE
11 = 1 2 3 4 . . .
12 = . . . 4 3 2 1
15 =
16 =
"First Number In Series" Designator*
A= 1
F = 6
B= 2
G = 7
C = 3
H = 8
D = 4
J = 9
E = 5
K = 0
* Letters in this position designate the first number to be used in the
consecutive sequence. Ex.: "A" would start the sequence with the number
1. "EK" would start the sequence with the number 50. "BKK" would start
the series with 200. For non-sequential numbering and special characters,
consult Technical Support.
Note: Some catalog number combinations are not valid. Check appropriate catalog pages before ordering. Catalog
numbering code applies only to the catalog numbers on pages 125, 148-151, 164-169.
First Number
in Series
Designator A


Similar Part No. - 2-1546306-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1546018-0 MACOM-2-1546018-0 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-1 MACOM-2-1546018-1 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-2 MACOM-2-1546018-2 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-3 MACOM-2-1546018-3 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-4 MACOM-2-1546018-4 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
More results

Similar Description - 2-1546306-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com