Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT60PW150P Datasheet(PDF) 2 Page - TDK Electronics

Part # DT60PW150P
Description  External Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DT60PW150P Datasheet(HTML) 2 Page - TDK Electronics

  DT60PW150P Datasheet HTML 1Page - TDK Electronics DT60PW150P Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B4: Nov 2011
DT Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/dt-series.htm
DT27,
RLMDT361800 US Plug to IEC320 C7 1.8m long
DT36PW
DT45,
RLMDT701800 US Plug to IEC320 C13 1.8m long
DT60, DT70,
DT100
Line Cord Accessories
Not recommended for new designs
Max
Min
Max
Peak
Output
Voltage
Load
Output
Load
Model
(W)
Output
(V)
(A)
(A)
(A)
Single Output
DT36PW050P
20.0
V1
5
0
4
-
DT36PW090P
27.0
V1
9
0
3
-
DT36PW120P
30.0
V1
12
0
2.5
-
DT36PW150P
36.0
V1
15
0
2.4
-
DT36PW180P
36.0
V1
18
0
2
-
DT36PW240P
36.0
V1
24
0
1.5
-
DT60PW090P
40.5
V1
9
0
4.5
-
DT60PW120P
39.6
V1
12
0
3.3
-
DT60PW150P
60.0
V1
15
0
4
-
DT60PW180P
59.4
V1
18
0
3.3
-
DT60PW240P
60.0
V1
24
0
2.5
3
DT70PW050P
40.0
V1
5
0
8
10
DT70PW090P
50.4
V1
9
0
5.6
-
DT70PW120P
50.4
V1
12
0
4.2
-
DT70PW135P
70.0
V1
13.5
0
5.2
-
DT70PW150P
69.0
V1
15
0
4.6
-
DT70PW180P
70.2
V1
18
0
3.9
-
DT70PW240P
69.6
V1
24
0
2.9
-
DT100PW240P
100.0
V1
24
0
4.2
-
DT100PW480P
100.0
V1
48
0
2.1
-
Dual Outputs
DT27PW201
27.0
V1
5.1
0.5
5
-
V2
12
0.24
1.5
-
DT60PW201
60.0
V1
5.1
0.5
6
8
V2
12
0.1
2
3
Triple Outputs
DT45PW301
45.0
V1
5
0.5
5
-
V2
12
0.3
1.5
2
V3
-12
0
0.3
-
2 Output Module Codes


Similar Part No. - DT60PW150P

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT60-0031A DELTA-DT60-0031A Datasheet
97Kb / 1P
   ADSL MICROFILTER
DT60-1002D DELTA-DT60-1002D Datasheet
136Kb / 1P
   ISDN FILTER
logo
List of Unclassifed Man...
DT60-1014A ETC-DT60-1014A Datasheet
70Kb / 1P
   VDSL MICROFILTER
logo
Delta Electronics, Inc.
DT60-1017A DELTA-DT60-1017A Datasheet
117Kb / 4P
   VDSL Micro-Filter
DT60-2020AA DELTA-DT60-2020AA Datasheet
162Kb / 9P
   VDSL Central Office POTS Splitter Functional Specification
More results

Similar Description - DT60PW150P

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
   20W External AC/DC Power Supplies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DT62 TDK-DT62 Datasheet
239Kb / 2P
   62W to 80W AC-DC External Power Supplies
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Maxim Integrated Produc...
MAX1804 MAXIM-MAX1804 Datasheet
570Kb / 11P
   External Four-Input Feedback Integrator for Power Supplies
19-1737; Rev 0; 7/00
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com