Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-EN5319QI Datasheet(PDF) 7 Page - Altera Corporation

Part # EVB-EN5319QI
Description  1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-EN5319QI Datasheet(HTML) 7 Page - Altera Corporation

Back Button EVB-EN5319QI Datasheet HTML 3Page - Altera Corporation EVB-EN5319QI Datasheet HTML 4Page - Altera Corporation EVB-EN5319QI Datasheet HTML 5Page - Altera Corporation EVB-EN5319QI Datasheet HTML 6Page - Altera Corporation EVB-EN5319QI Datasheet HTML 7Page - Altera Corporation EVB-EN5319QI Datasheet HTML 8Page - Altera Corporation EVB-EN5319QI Datasheet HTML 9Page - Altera Corporation EVB-EN5319QI Datasheet HTML 10Page - Altera Corporation EVB-EN5319QI Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
EN5319QI
Typical Performance Curves (Continued)
1.14
1.16
1.18
1.2
1.22
1.24
1.26
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.2V
CONDITIONS
VIN = 5V
2.44
2.46
2.48
2.5
2.52
2.54
2.56
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 2.5V
CONDITIONS
VIN = 3.3V
1.74
1.76
1.78
1.8
1.82
1.84
1.86
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.8V
CONDITIONS
VIN = 3.3V
1.14
1.16
1.18
1.2
1.22
1.24
1.26
0
0.25
0.5
0.75
1
1.25
1.5
OUTPUT CURRENT (A)
Output Voltage vs. Output Current
VOUT = 1.2V
CONDITIONS
VIN = 3.3V
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.5
3.1
3.7
4.3
4.9
5.5
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 5mA
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.5
3.1
3.7
4.3
4.9
5.5
INPUT VOLTAGE (V)
Output Voltage vs. Input Voltage
CONDITIONS
Load = 500mA
7
www.altera.com/enpirion
08325
December 3, 2013
Rev B


Similar Part No. - EVB-EN5319QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-EN5311QI ALTERA-EVB-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results

Similar Description - EVB-EN5319QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
   2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com