Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMT-QL00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMT-QL00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMT-QL00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMT-QL00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMT-QL00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Device Selection Guide
d
Typ. IV
Package
Viewing
Package
Part Number
(nm)
(mcd)
Description
Angle 2
1/
2
Outline
HLMA-QL00
590
500
Domed,
15°
B
HLMT-QL00
590
1000
Nondiffused,
HLMA-QJ00
605
500
Untinted
HLMA-QH00
615
500
HLMT-QH00
615
800
HLMA-QG00
626
500
HLMT-QG00
622
1000
HLMA-QF00
635
500
HLMA-PL00
590
75
Flat Top,
125°
A
HLMT-PL00
590
150
Nondiffused,
HLMA-PJ00
605
75
Untinted
HLMA-PH00
615
75
HLMT-PH00
615
120
HLMA-PG00
626
75
HLMT-PG00
622
150
HLMA-PF00
635
75
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMA-xxxx
HLMT-xxxx
Unit
Peak Forward Current[2]
100
100
mA
Average Forward Current (IPEAK = 100 mA)[1,2]
30
30
mA
DC Forward Current[3,5,6]
50
50
mA
Power Dissipation
120
130
mW
Reverse Voltage (IR = 100 μA)
5
V
Transient Forward Current (10 μs Pulse)[5]
500
mA
Operating Temperature Range
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
LED Junction Temperature
110
°C
Lead Soldering Temperature [1.6 mm (0.063 in.) from body]
260°C for 5 seconds
SMT Reflow Soldering Temperature
260°C for 20 seconds
Notes:
1. Maximum IAVG at f = 1 kHz.
2. Refer to Figure 5 to establish pulsed operating conditions.
3. Derate linearly as shown in Figure 4.
4. The transient peak current is the maximum non-recurring peak current these devices can withstand without damaging the LED die and wire
bonds. Operation at currents above Absolute Maximum Peak Forward Current is not recommended.
5. Drive currents between 10 mA and 30 mA are recommended for best long term performance.
6. Operation at currents below 5 mA is not recommended, please contact your Avago sales representative.


Similar Part No. - HLMT-QL00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMT-QL00 HP-HLMT-QL00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMT-QL00 HP-HLMT-QL00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMT-QL00 BOARDCOM-HLMT-QL00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
HLMT-QL00-T00XX BOARDCOM-HLMT-QL00-T00XX Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMT-QL00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com