Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMT-QX00 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMT-QX00
Description  Subminiature High Performance AlInGaP LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMT-QX00 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HLMT-QX00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMT-QX00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 3b. Relative luminous intensity vs. DC forward current. HLMT-xxxx.
Figure 3a. Relative luminous intensity vs. DC forward current. HLMA-xxxx.
Figure 4. Maximum forward current vs. ambient temperature.
Figure 5a. Maximum average current vs. peak forward current. HLMA-xxxx.
Figure 5b. Maximum average current vs. peak forward current. HLMT-xxxx.
0
0
IF - DC FORWARD CURRENT - mA
20
40
2.5
1.5
1.0
10
30
2.0
50
0.5
0
0
IF - DC FORWARD CURRENT - mA
20
40
4.0
2.0
1.0
10
30
60
3.0
50
0
0
TA – AMBIENT TEMPERATURE – C
40
80
50
40
30
20
10
20
60
100
R J-A = 380 C/W
R J-A = 476 C/W
50
0
IPEAK – PEAK FORWARD CURRENT – mA
50
40
30
20
10
75
100
f ≥ 1 KHz
50
0
IPEAK – PEAK FORWARD CURRENT – mA
83
50
40
30
20
10
67
100
f ≥ 1 KHz
f ≥ 300 Hz
f ≥ 100 Hz
58
75
92


Similar Part No. - HLMT-QX00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMT-QX00 BOARDCOM-HLMT-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
More results

Similar Description - HLMT-QX00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMA-QX00 BOARDCOM-HLMA-QX00 Datasheet
580Kb / 10P
   Subminiature High Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-514TUYL UOT-MVL-514TUYL Datasheet
39Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-5A4TUYL UOT-MVL-5A4TUYL Datasheet
41Kb / 2P
   High Performance AlInGaP LED Lamps
MVL-514SO UOT-MVL-514SO Datasheet
37Kb / 2P
   Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com