Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB-EN5335QI Datasheet(PDF) 5 Page - Altera Corporation

Part # EVB-EN5335QI
Description  3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EVB-EN5335QI Datasheet(HTML) 5 Page - Altera Corporation

  EVB-EN5335QI Datasheet HTML 1Page - Altera Corporation EVB-EN5335QI Datasheet HTML 2Page - Altera Corporation EVB-EN5335QI Datasheet HTML 3Page - Altera Corporation EVB-EN5335QI Datasheet HTML 4Page - Altera Corporation EVB-EN5335QI Datasheet HTML 5Page - Altera Corporation EVB-EN5335QI Datasheet HTML 6Page - Altera Corporation EVB-EN5335QI Datasheet HTML 7Page - Altera Corporation EVB-EN5335QI Datasheet HTML 8Page - Altera Corporation EVB-EN5335QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EN5335QI
5
www.altera.com/enpirion
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range (for output voltages < 1.2V)
VIN
2.375
5.5
V
Input Voltage Range (for output voltages ≥ 1.2V)
VIN
2.375
6.6
V
EN5335QI Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Shutdown
TSD
150
°C
Thermal Shutdown Hysteresis
TSDH
15
°C
Thermal Resistance: Junction to Case (0 LFM) (Note 2)
JC
3
°C/W
Thermal Resistance: Junction to Ambient (0 LFM)
JA
25
°C/W
Note 2
: Based on a four-layer board and proper thermal design in line with JEDEC EIJ/JESD 51 Standards.
Electrical Characteristics
NOTE: VIN=5.5V over operating temperature range unless otherwise noted. Typical values are at TA =
25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input
Voltage (for output
voltages < 1.2V)
VIN
2.375
5.5
V
Operating Input
Voltage (for output
voltages ≥ 1.2V)
VIN
2.375
6.6
V
VOUT Initial Accuracy
VOUT_INIT
TA = 25C, VIN = 5.0V, ILOAD = 0A;
All VID Settings except 0.8V
0.8V
-2
-3
+2
+2
%
VID Output Voltage
Settings
VOUT
VS2 VS1 VS0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
3.3
2.5
1.8
1.5
1.25
1.2
0.8
reserved
V
Drop out voltage
VIN - VOUT
Drop out voltage at full load
600
mV
Shut-Down Supply
Current
IS
ENABLE=0V
100
A
Switching Frequency
FOSC
5
MHz
VOUT
Output Voltage
Regulation
VOUT
Over line, load and temperature
VID Output Voltage Setting (V):
1.2, 1.25, 1.5, 1.8, 2.5, 3.3
0.8V
-3.0
-4.0
3.0
4.0
%
Maximum Continuous Output Current
Over Current Trip
Piont
IOCP
4.5
A
00846
October 11, 2013
Rev J


Similar Part No. - EVB-EN5335QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EVB-EN5337QI ALTERA-EVB-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EVB-EN5335QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com