Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-386J Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-386J
Description  High Power RF PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386J Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-386J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
0.0
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
VF - FORWARD VOLTAGE (V)
T = -55 C
T = 25 C
T = 85 C
0
1
10
100
1000
0
1
10
100
BIAS CURRENT (mA)
T = -55 C
T = 25 C
T = 85 C
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
REVERSE VOLTAGE (V)
30
40
50
60
70
80
20
25
30
35
40
45
INPUT POWER (dBm)
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Typical RF Resistance vs. Forward Bias Current.
Figure 3. RF Capacitance vs. Reverse Bias Voltage
Figure 4. Input Power vs. Junction Temperature [1]
Notes:
1. Test conditions: f = 2.1GHz, IF = 50mA
2. Typical values were derived using limited samples during initial product characterization and may not be representative of the overall
distribution.


Similar Part No. - HSMP-386J

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-386J BOARDCOM-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J_15 Datasheet
382Kb / 6P
   High Power RF PIN Diode
More results

Similar Description - HSMP-386J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J_15 Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
Broadcom Corporation.
HSMP-386J BOARDCOM-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
Mitsubishi Electric Sem...
MI402 MITSUBISHI-MI402 Datasheet
173Kb / 3P
   PIN DIODE RF POWER SWITCHING
MI308 MITSUBISHI-MI308 Datasheet
168Kb / 3P
   PIN DIODE RF POWER SWITCHING
logo
Vishay Siliconix
BAR65V-02V VISHAY-BAR65V-02V Datasheet
63Kb / 4P
   RF PIN Diode
Rev. 1, 23-Oct-02
logo
Guangdong Kexin Industr...
BAR63V-02V KEXIN-BAR63V-02V Datasheet
32Kb / 1P
   RF PIN Diode
BAR65V-02V KEXIN-BAR65V-02V Datasheet
31Kb / 1P
   RF PIN Diode
logo
Vishay Siliconix
BA980 VISHAY-BA980 Datasheet
895Kb / 3P
   RF PIN Diode
Rev. 1, 26-Mar-01
logo
Solid States Devices, I...
SXM33B SSDI-SXM33B Datasheet
244Kb / 2P
   PIN DIODE RF POWER SWITCH AND ATENUATOR
logo
M/A-COM Technology Solu...
MADP-011037-13900T MA-COM-MADP-011037-13900T_15 Datasheet
844Kb / 6P
   High Power PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com