Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-42002-4A2A1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-42002-4A2A1
Description  6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-42002-4A2A1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-42002-4A2A1 Datasheet HTML 1Page - Molex Electronics Ltd. A-42002-4A2A1 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/26/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
10-84-4042
Status:
Active
Overview:
MLX™ Power Connectors
Description:
6.35mm Pitch MLX™ Power Connector, 2.13mm Contact Diameter, Vertical, PA
Polyamide (Nylon) 6/6, Tin (Sn), White, 4 Circuits
Documents:
3D Model
Product Specification PS-42022-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42002
Application
Power, Wire-to-Board
Comments
High Vibration Application
Overview
MLX™ Power Connectors
Product Name
MLX™
UPC
800753610798
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
50
Flammability
94V-2
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
2.564/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
4.30mm
PCB Retention
None
PCB Thickness - Recommended
0.90mm
Packaging Type
Carton
Pitch - Mating Interface
6.35mm
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13.5A, 20A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42002Series
Mates With
42021 , 42023


Similar Part No. - A-42002-4A2A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42002-4A2A1 MOLEX1-A-42002-4A2A1 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX Power Connector Receptacle, 2.13mm (.084") Contact Diameter, Vertical, PA Polyamide (Nylon) 6/6, Tin (Sn), White, 4 Circuits
More results

Similar Description - A-42002-4A2A1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-84-4122 MOLEX11-10-84-4122 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
10-84-4022 MOLEX11-10-84-4022 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
10-84-4062 MOLEX11-10-84-4062 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
10-84-4092 MOLEX11-10-84-4092 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
10-84-4152 MOLEX11-10-84-4152 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
10-84-4032 MOLEX11-10-84-4032 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector, 2.13mm Contact Diameter, Vertical, PA
0010844092 MOLEX1-0010844092_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector, 2.13mm Contact Diameter, Vertical
0010844122 MOLEX1-0010844122_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector, 2.13mm Contact Diameter, Vertical
0010844152 MOLEX1-0010844152_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector, 2.13mm Contact Diameter, Vertical
0010845151 MOLEX1-0010845151_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector, 2.13mm Contact Diameter, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com