Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-84-4060 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 10-84-4060
Description  6.35mm Pitch MLX??Power Connector Header, Vertical, 6 Circuits, PA Polyamide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

10-84-4060 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  10-84-4060 Datasheet HTML 1Page - Molex Electronics Ltd. 10-84-4060 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/26/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
10-84-4060
Status:
Active
Overview:
MLX™ Power Connectors
Description:
6.35mm Pitch MLX™ Power Connector Header, Vertical, 6 Circuits, PA Polyamide
Nylon 6/6 94V-2, Tin (Sn) Plating, White
Documents:
3D Model
Product Specification PS-42022-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42002
Application
Power, Wire-to-Board
Comments
Solder Type
Overview
MLX™ Power Connectors
Product Name
MLX™
UPC
800753610835
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Resin
Nylon
Net Weight
3.398/g
Number of Rows
3
Orientation
Vertical
PC Tail Length
4.27mm
PCB Retention
Yes
PCB Thickness - Recommended
1.57mm
Packaging Type
Bag
Pitch - Mating Interface
6.35mm
Polarized to PCB
Yes
Shrouded
Fully
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13.5A, 20A
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42002Series
Mates With
42021 Plug


Similar Part No. - 10-84-4060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-84-4060 MOLEX1-10-84-4060 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header
More results

Similar Description - 10-84-4060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-84-4030 MOLEX11-10-84-4030 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 3 Circuits, PA Polyamide
10-84-4040 MOLEX11-10-84-4040 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 4 Circuits, PA Polyamide
10-84-4090 MOLEX11-10-84-4090 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 9 Circuits, PA Polyamide
10-84-4120 MOLEX11-10-84-4120 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 12 Circuits, PA Polyamide
10-84-4150 MOLEX11-10-84-4150 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 15 Circuits, PA Polyamide
0010844090 MOLEX1-0010844090_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, 9 Circuits, PA Polyamide Nylon
0010844060 MOLEX1-0010844060_18 Datasheet
41Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, 6 Circuits
0367570144 MOLEX5-0367570144 Datasheet
373Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 6 Circuits
10-84-4020 MOLEX11-10-84-4020 Datasheet
47Kb / 2P
   6.35mm Pitch MLX??Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
0010844020 MOLEX1-0010844020 Datasheet
374Kb / 4P
   6.35mm (.250) Pitch MLX??Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com