Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1546307-4 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 2-1546307-4
Description  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1546307-4 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 2-1546307-4 Datasheet HTML 6Page - Tyco Electronics 2-1546307-4 Datasheet HTML 7Page - Tyco Electronics 2-1546307-4 Datasheet HTML 8Page - Tyco Electronics 2-1546307-4 Datasheet HTML 9Page - Tyco Electronics 2-1546307-4 Datasheet HTML 10Page - Tyco Electronics 2-1546307-4 Datasheet HTML 11Page - Tyco Electronics 2-1546307-4 Datasheet HTML 12Page - Tyco Electronics 2-1546307-4 Datasheet HTML 13Page - Tyco Electronics 2-1546307-4 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
3 PCV -04 - 006
121
.250” [6.35] Pitch, Series #3 (Continued)
2
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
PCV
006
Wire Clamp
No Mounting
008
Wire Clamp
PCR
006
Wire Clamp
No Mounting
008
Wire Clamp
STV
006
Wire Clamp
WWV
008
Wire Clamp
No Mounting
STR
006
Wire Clamp
008
Wire Clamp
Ordering Information
LR30811
E54800
Thread Size Spacing
3 = #m3 on .250" Centers
No. of Circuits (Not Positions)
02 through 32
Terminal Style
PCV
= Printed Circuit Pin, Vertical
PCR
= Printed Circuit, Right Angle
STV
= Solder Turret, Vertical
STR
= Solder Turret, Right Angle
WWV = Solderless Wire Wrap, Vertical
A
B
C
C
D
A
B
Modifier
Use table below.
D
Terminal
Modifier
Style
Phil-slot Head
Screw Style
Mounting Construction


Similar Part No. - 2-1546307-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1546018-0 MACOM-2-1546018-0 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-1 MACOM-2-1546018-1 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-2 MACOM-2-1546018-2 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-3 MACOM-2-1546018-3 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
2-1546018-4 MACOM-2-1546018-4 Datasheet
98Kb / 1P
   TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH
More results

Similar Description - 2-1546307-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com