Electronic Components Datasheet Search |
|
EN5394QI Datasheet(PDF) 4 Page - Altera Corporation |
|
EN5394QI Datasheet(HTML) 4 Page - Altera Corporation |
4 / 19 page EN5394QI Absolute Maximum Ratings CAUTION: Absolute Maximum ratings are stress ratings only. Functional operation beyond recommended operating conditions is not implied. Stress beyond absolute maximum ratings may cause permanent damage to the device. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. PARAMETER SYMBOL MIN MAX UNITS Voltages on PVIN, AVIN, VOUT VIN -0.5 7.0 V Voltages on VSENSE, ENABLE, EN_PB, POK, -0.5 VIN + 0.3 V Voltages on VFB, EAOUT, SS, S_IN, S_OUT, OCP_ADJ -0.5 2.7 V Voltages on MAR1, MAR2, M/S -0.5 3.6 V Storage Temperature Range TSTG -65 150 °C Maximum Operating Junction Temperature TJ-ABS MAX 150 °C Reflow Temp, 10 Sec, MSL3 JEDEC J-STD-020A 260 °C ESD Rating (based on Human Body Model) 2000 V Recommended Operating Conditions PARAMETER SYMBOL MIN MAX UNITS Input Voltage Range VIN 2.375 6.6 V Output Voltage Range VOUT 0.60 VIN – VDO † V Output Current ILOAD 0 9 A Operating Ambient Temperature TA -40 +85 °C Operating Junction Temperature TJ -40 +125 °C † VDO (drop-out voltage) is defined as (ILOAD x Dropout Resistance). Please see Electrical Characteristics table. Thermal Characteristics PARAMETER SYMBOL TYP UNITS Thermal Resistance: Junction to Ambient (0 LFM) †† θ JA 16 °C/W Thermal Resistance: Junction to Case θ JC 1 °C/W Thermal Shutdown Trip Point TSD +150 °C Thermal Shutdown Trip Point Hysteresis TSDH 20 °C †† Based on a four-layer board and proper thermal design in line with JEDEC EIJ/JESD 51 Standards. 4 www.altera.com/enpirion 03738 October 11, 2013 Rev E |
Similar Part No. - EN5394QI |
|
Similar Description - EN5394QI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |